Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HI5810 Datasheet (PDF) - Intersil Corporation

HI5810 Datasheet PDF - Intersil Corporation
Part # HI5810
Download  HI5810 Download
File Size   423.85 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold

HI5810 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5810 Datasheet PDF - Intersil Corporation

Part # HI5810
Download  HI5810 Click to download

File Size   423.85 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold

HI5810 Datasheet (HTML) - Intersil Corporation


HI5810 Product details

Description
The HI5810 is a fast, low power, 12-bit, successiveapproximation, analog-to-digital converter. It can operate from a single 3V to 6V supply and typically draws just 1.9mA when operating at 5V. The HI5810 features a built-in track and hold. The conversion time is as low as 10µs with a 5V supply.

Features
• Conversion Time . . . . . . . . . . . . . . . . . . . . . . . . . . . 10µs
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . .100 KSPS
• Built-In Track and Hold
• Single Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . .+5V
• Maximum Power Consumption. . . . . . . . . . . . . . .40mW
• Internal or External Clock
• 1MHz Input Bandwidth . . . . . . . . . . . . . . . . . . . . . -3dB

Applications
• Remote Low Power Data Acquisition Systems
• Digital Audio
• DSP Modems
• General Purpose DSP Front End
• µP Controlled Measurement Systems
• Process Controls
• Industrial Controls




Similar Part No. - HI5810

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5810 INTERSIL-HI5810 Datasheet
762Kb / 13P
CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
May 2001
HI5810JIB-T INTERSIL-HI5810JIB-T Datasheet
762Kb / 13P
CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
May 2001
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
May 2001
More results


Similar Description - HI5810

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
HI5812 INTERSIL-HI5812 Datasheet
427Kb / 13P
CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
1997 08
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
1997 08
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
CMOS 12-Bit A/D Converters With Track-and-Hold
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
CMOS 10-Bit A/D Converter with Track-and-Hold
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
CMOS, 10-Bit, A/D Converters with Internal Track and Hold
May 2001
HI5812 INTERSIL-HI5812_05 Datasheet
365Kb / 16P
CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
March 31, 2005
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
May 2001
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
May 2001
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com