Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1090 Datasheet (PDF) - Intersil Corporation

HIP1090 Datasheet PDF - Intersil Corporation
Part # HIP1090
Download  HIP1090 Download
File Size   34.26 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Protected High Side Power Switch with Transient Suppression

HIP1090 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP1090 Datasheet PDF - Intersil Corporation

Part # HIP1090
Download  HIP1090 Click to download

File Size   34.26 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Protected High Side Power Switch with Transient Suppression

HIP1090 Datasheet (HTML) - Intersil Corporation


HIP1090 Product details

Description
The HIP1090 is a Protected Power Interface Switch designed to suppress potentially damaging over-voltage transients with peak voltage source inputs ranging up to ±90V in amplitude. I

Features
• ±90V Transient Suppression
• 4V to 16V Operating Voltage
• 1A Current Load Capability
• Low Input-Output Voltage Drop With Controlled Saturation Detector for
    - Fast Low Current Turn-OFF
    - Reduced No-Load Idle Current
• Over-Voltage Shutdown Protection
• Short Circuit Current Limiting
• Over-Temperature Limiting Protected
• Thermal Limiting at TJ = +150oC
• -40oC to +125oC Operating Temperature Range

Applications
• Electronic Circuit Breaker
• Transient Suppressor
• Over-Voltage Monitor
• High Side Driver Switch for
    - Relays
    - Solenoids
    - Heaters
    - Motors
    - Lamps




Similar Part No. - HIP1090

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
61Kb / 7P
PCI Hot Plug Controller
August 1999
HIP1011 INTERSIL-HIP1011 Datasheet
215Kb / 8P
PCI Hot Plug Controller
March 2004
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
PCI Hot Plug Controller
logo
Intersil Corporation
HIP1011A INTERSIL-HIP1011A Datasheet
120Kb / 11P
PCI Hot Plug Controller
March 2000
HIP1011A INTERSIL-HIP1011A Datasheet
648Kb / 11P
PCI Hot Plug Controller
November 16, 2004
More results


Similar Description - HIP1090

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS5451 IRF-IPS5451 Datasheet
196Kb / 12P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS54511 IRF-IPS54511 Datasheet
194Kb / 12P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS5551T IRF-IPS5551T Datasheet
119Kb / 10P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS5751 IRF-IPS5751 Datasheet
227Kb / 11P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
logo
STMicroelectronics
ACST10 STMICROELECTRONICS-ACST10 Datasheet
173Kb / 12P
Transient protected AC power switch
02-Dec-2008
ACST12 STMICROELECTRONICS-ACST12 Datasheet
184Kb / 12P
Transient protected AC power switch
02-Dec-2008
logo
International Rectifier
IPS7071GPBF IRF-IPS7071GPBF Datasheet
370Kb / 8P
PROTECTED HIGH SIDE SWITCH
IPS511GTR IRF-IPS511GTR Datasheet
183Kb / 11P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS521PBF IRF-IPS521PBF Datasheet
198Kb / 12P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
AUIR33402S IRF-AUIR33402S_15 Datasheet
512Kb / 17P
PROTECTED HIGH SIDE SWITCH
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com