Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6004D Datasheet (PDF) - Intersil Corporation

HIP6004D Datasheet PDF - Intersil Corporation
Part # HIP6004D
Download  HIP6004D Download
File Size   202.87 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck and Synchronous-Rectifier PWM Controller and Output Voltage Monitor

HIP6004D Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6004D Datasheet PDF - Intersil Corporation

Part # HIP6004D
Download  HIP6004D Click to download

File Size   202.87 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Buck and Synchronous-Rectifier PWM Controller and Output Voltage Monitor

HIP6004D Datasheet (HTML) - Intersil Corporation


HIP6004D Product details

The HIP6004D provides complete control and protection for a DC-DC converter optimized for high-performance microprocessor applications. It is designed to drive two N-Channel MOSFETs in a synchronous-rectified buck topology. The HIP6004D integrates all of the control, output adjustment, monitoring and protection functions into a single package.

Features
• Drives Two N-Channel MOSFETs
• Operates from +5V or +12V Input
• Simple Single-Loop Control Design
    - Voltage-Mode PWM Control
• Fast Transient Response
    - High-Bandwidth Error Amplifier
    - Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
    - ±1% Over Line Voltage and Temperature
• TTL-Compatible 5-Bit Digital-to-Analog Output Voltage Selection
    - 25mV Binary Steps . . . . . . . . . 1.100VDC to 1.850VDC
• Power-Good Output Voltage Monitor
• Over-Voltage and Over-Current Fault Monitors
    - Does Not Require Extra Current Sensing Element, Uses MOSFET’s rDS(ON)
• Small Converter Size
    - Constant Frequency Operation
    - 200kHz Free-Running Oscillator Programmable from 50kHz to over 1MHz
• QFN Package:
    - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Package Outline
    - Near Chip Scale Package footprint, which improves PCB efficiency and has a thinner profile
• Pb-Free plus anneal available (RoHS compliant)

Applications
• Power Supply for K7™, and Other Microprocessors
• High-Power DC-DC Regulators
• Low-Voltage Distributed Power Supplies




Similar Part No. - HIP6004D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004D INTERSIL-HIP6004D Datasheet
546Kb / 14P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
July 13, 2005
logo
Renesas Technology Corp
HIP6004D RENESAS-HIP6004D Datasheet
835Kb / 14P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Intersil Corporation
HIP6004DCB INTERSIL-HIP6004DCB Datasheet
546Kb / 14P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
July 13, 2005
logo
Renesas Technology Corp
HIP6004DCB RENESAS-HIP6004DCB Datasheet
835Kb / 14P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Intersil Corporation
HIP6004DCBZ INTERSIL-HIP6004DCBZ Datasheet
546Kb / 14P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
July 13, 2005
More results


Similar Description - HIP6004D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004 INTERSIL-HIP6004 Datasheet
211Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
2000 03
HIP6004A INTERSIL-HIP6004A Datasheet
159Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
1997 10
HIP6004B INTERSIL-HIP6004B Datasheet
339Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
1999 02
HIP6004E INTERSIL-HIP6004E Datasheet
317Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
2004 07
HIP6004A INTERSIL-HIP6004A_02 Datasheet
445Kb / 13P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
November 2002
HIP6004E INTERSIL-HIP6004E Datasheet
499Kb / 13P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
July 2004
HIP6004BCB-T INTERSIL-HIP6004BCB-T Datasheet
630Kb / 15P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
October 2003
logo
Renesas Technology Corp
HIP6004D RENESAS-HIP6004D Datasheet
835Kb / 14P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004 RENESAS-HIP6004 Datasheet
791Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
HIP6014 RENESAS-HIP6014 Datasheet
793Kb / 12P
Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com