Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM-6504 Datasheet (PDF) - Intersil Corporation

HM-6504 Datasheet PDF - Intersil Corporation
Part # HM-6504
Download  HM-6504 Download
File Size   167.86 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4096 x 1 CMOS RAM

HM-6504 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM-6504 Datasheet PDF - Intersil Corporation

Part # HM-6504
Download  HM-6504 Click to download

File Size   167.86 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4096 x 1 CMOS RAM

HM-6504 Datasheet (HTML) - Intersil Corporation


HM-6504 Product details

Description
The HM-6504 is a 4096 x 1 static CMOS RAM fabricated using self-aligned silicon gate technology. The device utilizes synchronous circuitry to achieve high performance and low power operation.

Features
• Low Power Standby . . . . . . . . . . . . . . . . . . . 125µW Max
• Low Power Operation . . . . . . . . . . . . . 35mW/MHz Max
• Data Retention . . . . . . . . . . . . . . . . . . . . . . . at 2.0V Min
• TTL Compatible Input/Output
• Three-State Output
• Standard JEDEC Pinout
• Fast Access Time. . . . . . . . . . . . . . . . . . 120/200ns Max
• 18 Lead Package for High Density
• On-Chip Address Register
• Gated Inputs - No Pull Up or Pull Down Resistors Required




Similar Part No. - HM-6504

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
256 x 4 CMOS RAM
HM-6501-5 HARRIS-HM-6501-5 Datasheet
275Kb / 6P
256 x 4 CMOS RAM
HM-6501B HARRIS-HM-6501B Datasheet
275Kb / 6P
256 x 4 CMOS RAM
HM-6501B-2 HARRIS-HM-6501B-2 Datasheet
275Kb / 6P
256 x 4 CMOS RAM
HM-6501B-9 HARRIS-HM-6501B-9 Datasheet
275Kb / 6P
256 x 4 CMOS RAM
More results


Similar Description - HM-6504

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7544 SAMSUNG-S3C7544 Datasheet
206Kb / 27P
Single-chip CMOS microcontroller, 512 x 4-bit RAM, 4096 x 8-bit ROM
logo
Sharp Corporation
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
CMOS 4096 x 9 Asynchronous FIFO
logo
Intersil Corporation
HM-6508 INTERSIL-HM-6508 Datasheet
234Kb / 9P
1024 x 1 CMOS RAM
March 1997
HM-6518 INTERSIL-HM-6518 Datasheet
220Kb / 9P
1024 x 1 CMOS RAM
March 1997
logo
Sanyo Semicon Device
LC87F67C8A SANYO-LC87F67C8A Datasheet
553Kb / 26P
CMOS LSI FROM 128KBITE RAM 4096 BYTE
logo
List of Unclassifed Man...
MK4027 ETC-MK4027 Datasheet
970Kb / 11P
4096 X 1 BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM6147H HITACHI-HM6147H Datasheet
354Kb / 7P
4096-word x 1-bit High Speed CMOS Static RAM
logo
Intel Corporation
M2147H INTEL-M2147H Datasheet
274Kb / 5P
HIGH SPEED 4096 x 1-BIT STATIC RAM
logo
Zarlink Semiconductor I...
MA5104 ZARLINK-MA5104 Datasheet
262Kb / 12P
RADIATION HARD 4096 x 1 BIT STATIC RAM
logo
List of Unclassifed Man...
HM6268 ETC2-HM6268 Datasheet
60Kb / 9P
4096-word X 4-bit High-Speed CMOS Static RAM
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com