Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM-6514 Datasheet (PDF) - Intersil Corporation

HM-6514 Datasheet PDF - Intersil Corporation
Part # HM-6514
Download  HM-6514 Download
File Size   41.05 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1024 x 4 CMOS RAM

HM-6514 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM-6514 Datasheet PDF - Intersil Corporation

Part # HM-6514
Download  HM-6514 Click to download

File Size   41.05 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1024 x 4 CMOS RAM

HM-6514 Datasheet (HTML) - Intersil Corporation


HM-6514 Product details

Description

The HM-6514 is a 1024 x 4 static CMOS RAM fabricated using self-aligned silicon gate technology. The device utilizes synchronous circuitry to achieve high performance and low power operation.

On-chip latches are provided for addresses allowing efficient interfacing with microprocessor systems. The data output can be forced to a high impedance state for use in expanded memory arrays.

Gated inputs allow lower operating current and also eliminate the need for pull up or pull down resistors. The HM-6514 is a fully static RAM and may be maintained in any state for an indefinite period of time.

Data retention supply voltage and supply current are guaran teed over temperature.



Features

• Low Power Standby . . . . . . . . . . . . . . . . . . . 125µW Max

• Low Power Operation . . . . . . . . . . . . . 35mW/MHz Max

• Data Retention . . . . . . . . . . . . . . . . . . . . . . . at 2.0V Min

• TTL Compatible Input/Output

• Common Data Input/Output

• Three-State Output

• Standard JEDEC Pinout

• Fast Access Time. . . . . . . . . . . . . . . . . . 120/200ns Max

• 18 Pin Package for High Density

• On-Chip Address Register

• Gated Inputs - No Pull Up or Pull Down Resistors Required



 




Similar Part No. - HM-6514

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM-6514 RENESAS-HM-6514 Datasheet
348Kb / 9P
1024 x 4 CMOS RAM
March 1997
logo
Intersil Corporation
HM-6514/883 INTERSIL-HM-6514/883 Datasheet
193Kb / 9P
1024 x 4 CMOS RAM
March 1997
logo
Renesas Technology Corp
HM-6514/883 RENESAS-HM-6514/883 Datasheet
348Kb / 9P
1024 x 4 CMOS RAM
March 1997
logo
Intersil Corporation
HM-6514883 INTERSIL-HM-6514883 Datasheet
193Kb / 9P
1024 x 4 CMOS RAM
March 1997
More results


Similar Description - HM-6514

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1821C INTERSIL-CDP1821C Datasheet
32Kb / 7P
High-Reliability CMOS 1024-Word x 1-Bit Static RAM
March 1997
HM-6508 INTERSIL-HM-6508 Datasheet
234Kb / 9P
1024 x 1 CMOS RAM
March 1997
HM-6518 INTERSIL-HM-6518 Datasheet
220Kb / 9P
1024 x 1 CMOS RAM
March 1997
MWS5114 INTERSIL-MWS5114 Datasheet
29Kb / 7P
1024-Word x 4-Bit LSI Static RAM
March 1997
logo
Hitachi Semiconductor
HM6148HLP HITACHI-HM6148HLP Datasheet
265Kb / 5P
1024-word x 4-bit High Speed Static CMOS RAM
logo
Intersil Corporation
HM-6514883 INTERSIL-HM-6514883 Datasheet
193Kb / 9P
1024 x 4 CMOS RAM
March 1997
logo
Sanyo Semicon Device
LC3514 SANYO-LC3514 Datasheet
132Kb / 1P
1024 WORDS X 4 BITS HIGH-SPEED CMOS STATIC RAM
logo
National Semiconductor ...
NMC6551 NSC-NMC6551 Datasheet
219Kb / 6P
1024-Bit (256 x 4) Static RAM
logo
Intersil Corporation
MWS5114 INTERSIL-MWS5114_1 Datasheet
113Kb / 8P
1024-Word x 4-Bit LSI Static RAM
March 1997
HM-6551 INTERSIL-HM-6551_03 Datasheet
547Kb / 10P
256 x 4 CMOS RAM
July 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com