Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2763TB Datasheet (PDF) - NEC

UPC2763TB Datasheet PDF - NEC
Part # UPC2763TB
Download  UPC2763TB Download
File Size   171.89 Kbytes
Page   28 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS

UPC2763TB Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2763TB Datasheet PDF - NEC

Part # UPC2763TB
Download  UPC2763TB Click to download

File Size   171.89 Kbytes
Page   28 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS

UPC2763TB Datasheet (HTML) - NEC


UPC2763TB Product details

DESCRIPTION
The µPC2762TB, µPC2763TB and µPC2771TB are silicon monolithic integrated circuits designed as amplifier for mobile communications. These ICs operate at 3 V. The medium output power is suitable for RF-TX of mobile communications system.
These IC is manufactured using NEC’s 20 GHz fT NESAT™III silicon bipolar process. This process uses direct silicon nitride passivation film and gold electrodes. These materials can protect the chip surface from pollution and prevent corrosion/migration. Thus, this IC has excellent performance, uniformity and reliability.

FEATURES
• Supply voltage : VCC = 2.7 to 3.3 V
• Medium output power :
   µPC2762TB; PO(1 dB) = +8.0 dBm TYP. @ f = 0.9 GHz
   µPC2763TB; PO(1 dB) = +9.5 dBm TYP. @ f = 0.9 GHz
   µPC2771TB; PO(1 dB) = +11.5 dBm TYP. @ f = 0.9 GHz
• Power gain :
   µPC2762TB; GP = 13 dB TYP. @ f = 0.9 GHz
   µPC2763TB; GP = 20 dB TYP. @ f = 0.9 GHz
   µPC2771TB; GP = 21 dB TYP. @ f = 0.9 GHz
• Upper limit operating frequency :
   µPC2762TB; fu = 2.9 GHz TYP. @ 3dB Bandwidth
   µPC2763TB; fu = 2.7 GHz TYP. @ 3dB Bandwidth
   µPC2771TB; fu = 2.2 GHz TYP. @ 3dB Bandwidth
• High-density surface mounting : 6-pin super minimold package (2.0 × 1.25 × 0.9 mm)

APPLICATIONS
• Buffer amplifiers for mobile telephones : µPC2762TB, µPC2763TB
• PA driver for PDC800M : µPC2771TB




Similar Part No. - UPC2763TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2763TB NEC-UPC2763TB Datasheet
404Kb / 16P
3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC2763TB CEL-UPC2763TB Datasheet
183Kb / 7P
3 V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
logo
NEC
UPC2763TB NEC-UPC2763TB Datasheet
240Kb / 28P
3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC2763TB RENESAS-UPC2763TB Datasheet
395Kb / 30P
BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
UPC2763TB RENESAS-UPC2763TB Datasheet
332Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
More results


Similar Description - UPC2763TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2745TB NEC-UPC2745TB Datasheet
381Kb / 20P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2747TB NEC-UPC2747TB Datasheet
119Kb / 20P
3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUMICATIONS
UPC2749TB NEC-UPC2749TB Datasheet
92Kb / 16P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8182TB NEC-UPC8182TB Datasheet
404Kb / 16P
3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8181TB CEL-UPC8181TB Datasheet
285Kb / 8P
3 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2762TB NEC-UPC2762TB_1 Datasheet
240Kb / 28P
3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8181TB NEC-UPC8181TB Datasheet
154Kb / 16P
3 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
PC2747TB RENESAS-PC2747TB_15 Datasheet
243Kb / 21P
3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com