Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG779 Datasheet (PDF) - Analog Devices

ADG779 Datasheet PDF - Analog Devices
Part # ADG779
Download  ADG779 Download
File Size   285.47 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SPDT Switch/2:1 Mux in Tiny SC70 Package

ADG779 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG779 Datasheet PDF - Analog Devices

Part # ADG779
Download  ADG779 Click to download

File Size   285.47 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SPDT Switch/2:1 Mux in Tiny SC70 Package

ADG779 Datasheet (HTML) - Analog Devices




Similar Part No. - ADG779

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG779 AD-ADG779 Datasheet
385Kb / 8P
CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV.0
ADG779BKS AD-ADG779BKS Datasheet
385Kb / 8P
CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV.0
ADG779BKS-R2 AD-ADG779BKS-R2 Datasheet
285Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG779BKS-REEL AD-ADG779BKS-REEL Datasheet
285Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG779BKS-REEL7 AD-ADG779BKS-REEL7 Datasheet
285Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
More results


Similar Description - ADG779

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG779 AD-ADG779 Datasheet
385Kb / 8P
CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV.0
ADG884 AD-ADG884 Datasheet
298Kb / 16P
DUAL 2:1 MUX/SPDT AUDIO SWITCH
6/05-Rev. 0 to Rev. A
ADG849 AD-ADG849 Datasheet
334Kb / 12P
3 V/5 V CMOS 0.5 廓 SPDT/2:1 Mux in SC70
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG849 AD-ADG849_15 Datasheet
348Kb / 12P
SPDT/2:1 Mux in SC70
REV. 0
ADG859 AD-ADG859_15 Datasheet
393Kb / 16P
Switch/2:1 MUX in SOT-66 Package
REV. A
ADG884 AD-ADG884_15 Datasheet
304Kb / 16P
2:1 MUX/SPDT Audio Switch
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com