Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPLR3103 Datasheet (PDF) - Intersil Corporation

HPLR3103 Datasheet PDF - Intersil Corporation
Part # HPLR3103
Download  HPLR3103 Download
File Size   71.39 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs

HPLR3103 Datasheet (PDF)

Go To PDF Page Download Datasheet
HPLR3103 Datasheet PDF - Intersil Corporation

Part # HPLR3103
Download  HPLR3103 Click to download

File Size   71.39 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs

HPLR3103 Datasheet (HTML) - Intersil Corporation


HPLR3103 Product details

These are N-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• Logic Level Gate Drive
• 52A†, 30V
• Low On-Resistance, rDS(ON) = 0.019Ω
• UIS Rating Curve
• Related Literature
   - TB334, “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - HPLR3103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HPLR3103 FAIRCHILD-HPLR3103 Datasheet
117Kb / 7P
52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs
More results


Similar Description - HPLR3103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HPLR3103 FAIRCHILD-HPLR3103 Datasheet
117Kb / 7P
52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs
HUF76121D3 FAIRCHILD-HUF76121D3 Datasheet
281Kb / 11P
20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76129D3 FAIRCHILD-HUF76129D3 Datasheet
282Kb / 11P
20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76143P3 FAIRCHILD-HUF76143P3 Datasheet
287Kb / 11P
75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76432P3 FAIRCHILD-HUFA76432P3 Datasheet
216Kb / 10P
55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76132P3 INTERSIL-HUF76132P3 Datasheet
110Kb / 10P
75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
September 1999
HUF76139P3 INTERSIL-HUF76139P3 Datasheet
121Kb / 10P
75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
September 1999
RFD16N03L INTERSIL-RFD16N03L Datasheet
107Kb / 8P
16A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFETs
April 1999
RFP45N03L INTERSIL-RFP45N03L Datasheet
100Kb / 7P
45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
September 1998
logo
Suntac Electronic Corp.
S76121P SUNTAC-S76121P Datasheet
979Kb / 7P
47A, 30V, 0.021 OHM, N-CHANNEL, LOGIC LEVEL ULTRAFET POWER MOSFETS
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com