Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRF3205 Datasheet (PDF) - Intersil Corporation

HRF3205 Datasheet PDF - Intersil Corporation
Part # HRF3205
Download  HRF3205 Download
File Size   82.73 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs

HRF3205 Datasheet (PDF)

Go To PDF Page Download Datasheet
HRF3205 Datasheet PDF - Intersil Corporation

Part # HRF3205
Download  HRF3205 Click to download

File Size   82.73 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs

HRF3205 Datasheet (HTML) - Intersil Corporation


HRF3205 Product details

These are N-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 100A, 55V (See Note)
• Low On-Resistance, rDS(ON) = 0.008Ω
• Temperature Compensating PSPICE® Model
• Thermal Impedance SPICE Model
• UIS Rating Curve
• Related Literature
   - TB334, “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - HRF3205

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HRF3205 FAIRCHILD-HRF3205 Datasheet
191Kb / 9P
100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs
logo
Inchange Semiconductor ...
HRF3205 ISC-HRF3205 Datasheet
246Kb / 2P
isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
HRF3205S FAIRCHILD-HRF3205S Datasheet
191Kb / 9P
100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs
More results


Similar Description - HRF3205

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HRF3205 FAIRCHILD-HRF3205 Datasheet
191Kb / 9P
100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs
HUF75329G3 FAIRCHILD-HUF75329G3 Datasheet
252Kb / 10P
49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
HUF75344G3 FAIRCHILD-HUF75344G3 Datasheet
314Kb / 10P
75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75307P3 FAIRCHILD-HUFA75307P3 Datasheet
217Kb / 10P
15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3 Datasheet
336Kb / 10P
75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75309P3 INTERSIL-HUF75309P3 Datasheet
102Kb / 9P
19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
June 1999
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
June 1999
HUF75344G3 INTERSIL-HUF75344G3 Datasheet
135Kb / 9P
75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
January 2000
logo
Fairchild Semiconductor
HUF75344G3 FAIRCHILD-HUF75344G3_04 Datasheet
307Kb / 10P
75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3_04 Datasheet
323Kb / 10P
75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com