Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRFZ44N Datasheet (PDF) - Intersil Corporation

HRFZ44N Datasheet PDF - Intersil Corporation
Part # HRFZ44N
Download  HRFZ44N Download
File Size   134.98 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 49A, 55V, 0.022 Ohm, N-Channel UltraFET Power MOSFET

HRFZ44N Datasheet (PDF)

Go To PDF Page Download Datasheet
HRFZ44N Datasheet PDF - Intersil Corporation

Part # HRFZ44N
Download  HRFZ44N Click to download

File Size   134.98 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 49A, 55V, 0.022 Ohm, N-Channel UltraFET Power MOSFET

HRFZ44N Datasheet (HTML) - Intersil Corporation


HRFZ44N Product details

This N-Channel power MOSFET is manufactured using the innovative UltraFET™ process. This advanced process technology achieves the lowest possible on-resistance per silicon area, resulting in outstanding performance. This device is capable of withstanding high energy in the avalanche mode and the diode exhibits very low reverse recovery time and stored charge. It was designed for use in applications where power efficiency is important, such as switching regulators, switching converters, motor drivers, relay drivers, lowvoltage bus switches, and power management in portable and battery-operated products.

Features
• 49A, 55V
• Simulation Models
    - Temperature Compensated PSPICE® and SABER© Electrical Models
    - Spice and Saber Thermal Impedance Models
    - www.semi.Intersil.com/families/models.htm
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
    - TB334, “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - HRFZ44N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HRFZ44N FAIRCHILD-HRFZ44N Datasheet
193Kb / 10P
49A, 55V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
More results


Similar Description - HRFZ44N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HRFZ44N FAIRCHILD-HRFZ44N Datasheet
193Kb / 10P
49A, 55V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
HUF75307T3ST FAIRCHILD-HUF75307T3ST Datasheet
175Kb / 9P
2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
HUF75309T3ST FAIRCHILD-HUF75309T3ST Datasheet
186Kb / 9P
3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
HUF75329G3 FAIRCHILD-HUF75329G3 Datasheet
252Kb / 10P
49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75307T3ST FAIRCHILD-HUFA75307T3ST Datasheet
174Kb / 9P
2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
HUFA75309T3ST FAIRCHILD-HUFA75309T3ST Datasheet
175Kb / 8P
3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
HUFA75329G3 FAIRCHILD-HUFA75329G3 Datasheet
295Kb / 10P
49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75307T3ST INTERSIL-HUF75307T3ST Datasheet
325Kb / 8P
2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
October 1999
HUF75309T3ST INTERSIL-HUF75309T3ST Datasheet
88Kb / 8P
3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
June 1999
HUF75329G3 INTERSIL-HUF75329G3 Datasheet
173Kb / 9P
49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
January 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com