Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-0509RH Datasheet (PDF) - Intersil Corporation

HS-0509RH Datasheet PDF - Intersil Corporation
Part # HS-0509RH
Download  HS-0509RH Download
File Size   164.49 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Single 8/Differential 4-Channel CMOS Analog Multiplexers

HS-0509RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-0509RH Datasheet PDF - Intersil Corporation

Part # HS-0509RH
Download  HS-0509RH Click to download

File Size   164.49 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Single 8/Differential 4-Channel CMOS Analog Multiplexers

HS-0509RH Datasheet (HTML) - Intersil Corporation


HS-0509RH Product details

These radiation hardened monolithic CMOS multiplexers each include an array of eight analog switches, a digital decode circuit for channel selection, a voltage reference for logic thresholds, and an ENABLE input for device selection when several multiplexers are present.
The Dielectric Isolation (DI) process used in fabrication of these devices eliminates the problem of latch-up. Also, DI offers much lower substrate leakage and parasitic capacitance than conventional junction-isolated CMOS. Switches are guaranteed to break-before-make, so that two channels are never shorted together. The switching threshold for each digital input is established by an internal +5V reference, providing a guaranteed minimum 2.4V for logic “1” and maximum 0.8 for logic “0”. This allows direct interface without pull-up resistors to signals from most logic families: CMOS, TTL, DTL and some PMOS. For protection against transient overvoltage, the digital inputs include a series 200Ω resistor and a diode clamp to each supply. The HS-0508RH is an eight channel single-ended multiplexer, and the HS-0509RH is a four channel differential version. If input overvoltage protection is needed, the HS-0548RH and HS-0549RH multiplexers are recommended.

Features
• Electrically Screened to SMD # 5962-95692
• QML Qualified per MIL-PRF-38535 Requirements
• Gamma Dose . . . . . . . . . . . . . . . . . . . . . . 1 x 10⁴RAD(Si)
• No Latch-Up
• No Channel Interaction During Overvoltage
• Low On Resistance . . . . . . . . . . . . . . . . . . . . <200Ω (Typ)
• 44V Maximum Power Supply
• Break-Before-Make Switch
• Analog Signal Range . . . . . . . . . . . . . . . . . . . . . . . . ±15V
• Access Time. . . . . . . . . . . . . . . . . . . . . . . . . <300ns (Typ)

Applications
• Data Acquisition Systems
• Control Systems
• Telemetry




Similar Part No. - HS-0509RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0506RH INTERSIL-HS-0506RH Datasheet
1Mb / 14P
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexer
September 1997
HS-0507RH INTERSIL-HS-0507RH Datasheet
1Mb / 14P
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexer
September 1997
More results


Similar Description - HS-0509RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
HS-0546RH INTERSIL-HS-0546RH Datasheet
197Kb / 6P
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
1999 08
HS-0548RH INTERSIL-HS-0548RH Datasheet
164Kb / 6P
Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
1999 08
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
June 1994
HS-0506RH INTERSIL-HS-0506RH Datasheet
1Mb / 14P
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexer
September 1997
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 13, 2006
HS-0548RH INTERSIL-HS-0548RH_01 Datasheet
278Kb / 6P
Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
August 2001
HS-0546RH INTERSIL-HS-0546RH_06 Datasheet
443Kb / 6P
Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
March 13, 2006
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG408 RENESAS-DG408 Datasheet
658Kb / 17P
Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com