Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-1212RH Datasheet (PDF) - Intersil Corporation

HS-1212RH Datasheet PDF - Intersil Corporation
Part # HS-1212RH
Download  HS-1212RH Download
File Size   107.2 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, Dual, High Speed Low Power, Video Closed Loop Buffer

HS-1212RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-1212RH Datasheet PDF - Intersil Corporation

Part # HS-1212RH
Download  HS-1212RH Click to download

File Size   107.2 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, Dual, High Speed Low Power, Video Closed Loop Buffer

HS-1212RH Datasheet (HTML) - Intersil Corporation


HS-1212RH Product details

The HS-1212RH is a dual closed loop buffer featuring user programmable gain and high speed performance. Manufactured on Intersil’s proprietary complementary bipolar UHF-1 (DI bonded wafer) process, this device offers wide -3dB bandwidth of 340MHz, very fast slew rate, excellent gain flatness and high output current. These devices are QML approved and are processed and screened in full compliance with MIL-PRF-38535.

Features
• Electrically Screened to SMD # 5962-96831
• QML Qualified per MIL-PRF-38535 Requirements
• MIL-PRF-38535 Class V Compliant
• User Programmable For Closed-Loop Gains of +1, -1 or +2 Without Use of External Resistors
• Standard Operational Amplifier Pinout
• Low Supply Current . . . . . . . . . . . . 5.9mA/Op Amp (Typ)
• Excellent Gain Accuracy . . . . . . . . . . . . . . . 0.99V/V (Typ)
• Wide -3dB Bandwidth. . . . . . . . . . . . . . . . . .340MHz (Typ)
• Fast Slew Rate . . . . . . . . . . . . . . . . . . . . . .1155V/µs (Typ)
• High Input Impedance . . . . . . . . . . . . . . . . . . . 1MΩ (Typ)
• Excellent Gain Flatness (to 50MHz). . . . . . ±0.02dB (Typ)
• Fast Overdrive Recovery . . . . . . . . . . . . . . . . <10ns (Typ)
• Total Gamma Dose. . . . . . . . . . . . . . . . . . . . 300kRAD(Si)
• Latch Up . . . . . . . . . . . . . . . . . . . . . None (DI Technology)

Applications
• Flash A/D Driver
• Video Switching and Routing
• Pulse and Video Amplifiers
• Wideband Amplifiers
• RF/IF Signal Processing
• Imaging Systems




Similar Part No. - HS-1212RH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS-1210 ETC1-HS-1210 Datasheet
149Kb / 3P
Crystal Clock Osclilators
More results


Similar Description - HS-1212RH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04 Datasheet
437Kb / 16P
Closed-Loop High Speed Buffer
07-Mar-2093
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HS-1115RH INTERSIL-HS-1115RH Datasheet
42Kb / 4P
Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
1996 08
HS-1412RH INTERSIL-HS-1412RH Datasheet
174Kb / 11P
Radiation Hardened, Quad, High Speed, Low Power, Video Closed Loop Buffer
August 1999
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
Dual, High Speed, Low Power, Video Closed Loop Buffer
June 1994
logo
National Semiconductor ...
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
logo
Intersil Corporation
HS-1115RH INTERSIL-HS-1115RH_02 Datasheet
133Kb / 4P
Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
logo
Texas Instruments
BUF602IDBVTG4 TI-BUF602IDBVTG4 Datasheet
955Kb / 27P
High-Speed, Closed-Loop Buffer
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
High-Speed, Closed-Loop Buffer
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com