Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSP_20K Datasheet (PDF) - Protek Devices

PBSP_20K Datasheet PDF - Protek Devices
Part # PBSP_20K_15
Download  PBSP_20K Download
File Size   263.68 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description 3POLE LED DRIVER

PBSP_20K Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSP_20K Datasheet PDF - Protek Devices

Part # PBSP_20K_15
Download  PBSP_20K Click to download

File Size   263.68 Kbytes
Page   5 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description 3POLE LED DRIVER

PBSP_20K Datasheet (HTML) - Protek Devices




Similar Part No. - PBSP_20K_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PBSP-220-10K PROTEC-PBSP-220-10K Datasheet
262Kb / 5P
3 POLE LED DRIVER & BALLAST PROTECTION MODULE
PBSP-220-20K PROTEC-PBSP-220-20K Datasheet
264Kb / 5P
3 POLE LED DRIVER & BALLAST PROTECTION MODULE
PBSP-240-10K PROTEC-PBSP-240-10K Datasheet
262Kb / 5P
3 POLE LED DRIVER & BALLAST PROTECTION MODULE
PBSP-240-20K PROTEC-PBSP-240-20K Datasheet
264Kb / 5P
3 POLE LED DRIVER & BALLAST PROTECTION MODULE
logo
Powerbox
PBSP-24I POWERBOX-PBSP-24I Datasheet
164Kb / 1P
2 0 0 0 - 3 8 0 0WAT T D C / A C I N V E R T E R
More results


Similar Description - PBSP_20K_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
Schurter Inc.
6002 SCHURTER-6002 Datasheet
263Kb / 2P
Interconnection Cord with Plug 6A 3pole, Straight
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
Protek Devices
PBSP_10K PROTEC-PBSP_10K_15 Datasheet
261Kb / 5P
3POLE LED DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com