Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2782GR Datasheet (PDF) - NEC

UPC2782GR Datasheet PDF - NEC
Part # UPC2782GR
Download  UPC2782GR Download
File Size   190.82 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description L BAND DOWN CONVERTER IC

UPC2782GR Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2782GR Datasheet PDF - NEC

Part # UPC2782GR
Download  UPC2782GR Click to download

File Size   190.82 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description L BAND DOWN CONVERTER IC

UPC2782GR Datasheet (HTML) - NEC


UPC2782GR Product details

DESCRIPTION
The µPC2782GR is a Silicon monolithic IC designed for use as L band downconverter. This IC consists of a Gilbert cell mixer, two stages of LO buffering, local oscillator, external filter port, or a high output IF AGC amplifier and IF output buffer amplifier.
The package is 20 pins SSOP (shrink small outline package) suitable for high-density surface mount.

FEATURES
• Broad band operation fRF = 0.9 to 2.1 GHz
• 25 dB variable gain IF AGC amplifier
• Low distortion IIP3 = +4.5 dBm (fRF = 2.1 GHz)
• Supply Voltage 5 V
• Packaged in 20 pins SSOP suitable for high-density surface mount




Similar Part No. - UPC2782GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2782GR NEC-UPC2782GR Datasheet
57Kb / 8P
SILICON MMIC L/S BAND DOWNCONVERTER
UPC2782GR-E1 NEC-UPC2782GR-E1 Datasheet
57Kb / 8P
SILICON MMIC L/S BAND DOWNCONVERTER
UPC2782GR NEC-UPC2782GR_00 Datasheet
57Kb / 8P
SILICON MMIC L/S BAND DOWNCONVERTER
More results


Similar Description - UPC2782GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2721 NEC-UPC2721 Datasheet
90Kb / 12P
GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
UPC2795GV NEC-UPC2795GV Datasheet
133Kb / 12P
GENERAL PURPOSE L-BAND DOWN CONVERTER
UPG2121TB NEC-UPG2121TB Datasheet
60Kb / 8P
L-BAND UP/DOWN CONVERTER
logo
Sony Corporation
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
L-BAND DOWN CONVERTER IC
CXA3068N SONY-CXA3068N Datasheet
144Kb / 11P
L-band Down Converter for Satellite Tuner
CXA3108AQ SONY-CXA3108AQ Datasheet
257Kb / 19P
L-band Down Converter IC with On-Chip PLL
logo
ATMEL Corporation
U2730B-N ATMEL-U2730B-N Datasheet
208Kb / 17P
L-band Down-converter for DAB Receivers
logo
TEMIC Semiconductors
U2730B-B TEMIC-U2730B-B Datasheet
271Kb / 12P
L-Band Down-Converter for DAB Receivers
logo
California Eastern Labs
UPC8112TB CEL-UPC8112TB Datasheet
173Kb / 5P
3 V SILICON MMIC L-BAND FREQUENCY DOWN CONVERTER
logo
ATMEL Corporation
ATR2730 ATMEL-ATR2730 Datasheet
287Kb / 18P
L-band Down-converter for DAB Receivers
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com