Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS2-3530RH-8 Datasheet (PDF) - Intersil Corporation

HS2-3530RH-8 Datasheet PDF - Intersil Corporation
Part # HS2-3530RH-8
Download  HS2-3530RH-8 Download
File Size   106.43 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power, Radiation Hardened Programmable Operational Amplifier

HS2-3530RH-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HS2-3530RH-8 Datasheet PDF - Intersil Corporation

Part # HS2-3530RH-8
Download  HS2-3530RH-8 Click to download

File Size   106.43 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power, Radiation Hardened Programmable Operational Amplifier

HS2-3530RH-8 Datasheet (HTML) - Intersil Corporation


HS2-3530RH-8 Product details

Description
The HS-3530RH is a Low Power Operational Amplifier which is an internally compensated monolithic device offering a wide range of performance specifications. Parameters such as power dissipation, slew rate, bandwidth, noise and input DC parameters are programmed by selecting an external resistor or current source. Supply voltages as low as ±3V may be used with little degradation of AC performance. The HS-3530RH has been specifically designed to meet exposure to space radiation environments. Operation from -55°C to +125°C is guaranteed.

Features
• Radiation Environment
    - Neutron Fluence (Φ) 5 x 1012 n/cm2 (E ≥ 10KeV)
    - Gamma Rate (γ) 1 x 109 RAD (Si)/s
    - Gamma Dose (γ) 1 x 106 RAD (Si)
• Wide Range AC Programming
    - Slew Rate 0.06 to 3V/µs
    - Gain X Bandwidth 100kHz to 5.0MHz
• Wide Range DC Programming
    - Power Supply Range ±3.0V to ±15V
• Supply Current 10µA to 1.2mA
• Dielectrically Isolated Device Islands
• Short Circuit Protection




Similar Part No. - HS2-3530RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS2-3530AEH-Q INTERSIL-HS2-3530AEH-Q Datasheet
181Kb / 2P
Radiation Hardened Programmable Low Power Op Amps
logo
Renesas Technology Corp
HS2-3530AEH-Q RENESAS-HS2-3530AEH-Q Datasheet
339Kb / 7P
Radiation Hardened Programmable Low Power Op Amps
Jun 18, 2018
logo
Intersil Corporation
HS2-3530ARH INTERSIL-HS2-3530ARH Datasheet
29Kb / 2P
Radiation Hardened Programmable Low Power Op Amp
1999 03
HS2-3530ARH INTERSIL-HS2-3530ARH Datasheet
181Kb / 2P
Radiation Hardened Programmable Low Power Op Amps
HS2-3530ARH-8 INTERSIL-HS2-3530ARH-8 Datasheet
29Kb / 2P
Radiation Hardened Programmable Low Power Op Amp
1999 03
More results


Similar Description - HS2-3530RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2400RH INTERSIL-HS-2400RH Datasheet
101Kb / 5P
Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
September 1999
HS-2700RH INTERSIL-HS-2700RH Datasheet
92Kb / 6P
Low Power, High Performance Radiation Hardened Operational Amplifier
August 1999
HS-3530ARH INTERSIL-HS-3530ARH Datasheet
29Kb / 2P
Radiation Hardened Programmable Low Power Op Amp
1999 03
HS-5104ARH-T INTERSIL-HS-5104ARH-T Datasheet
24Kb / 2P
Radiation Hardened Low Noise Quad Operational Amplifier
1999 07
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
Radiation Hardened Low Noise Quad Operational Amplifier
1999 08
HS-OP470ARH INTERSIL-HS-OP470ARH Datasheet
27Kb / 2P
Radiation Hardened, Very Low Noise Quad Operational Amplifier
February 1998
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
Radiation Hardened Low Noise Quad Operational Amplifier
August 2001
HS-2400RH INTERSIL-HS-2400RH_00 Datasheet
45Kb / 3P
Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
August 2000
HS-3530ARH INTERSIL-HS-3530ARH_12 Datasheet
181Kb / 2P
Radiation Hardened Programmable Low Power Op Amps
logo
Texas Instruments
OPA4277-SP TI-OPA4277-SP_19 Datasheet
479Kb / 25P
Radiation Hardened High-Precision Operational Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com