Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1313 Datasheet (PDF) - Analog Devices

ADG1313 Datasheet PDF - Analog Devices
Part # ADG1313_15
Download  ADG1313 Download
File Size   279.88 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 15 V/12 V Quad SPST Switches

ADG1313 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG1313 Datasheet PDF - Analog Devices

Part # ADG1313_15
Download  ADG1313 Click to download

File Size   279.88 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 15 V/12 V Quad SPST Switches

ADG1313 Datasheet (HTML) - Analog Devices




Similar Part No. - ADG1313_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1313YRUZ AD-ADG1313YRUZ Datasheet
309Kb / 12P
-15 V/12 V Quad SPST Switches
10/05-Revision 0
ADG1313YRUZ-REEL7 AD-ADG1313YRUZ-REEL7 Datasheet
309Kb / 12P
-15 V/12 V Quad SPST Switches
10/05-Revision 0
ADG1313YRZ AD-ADG1313YRZ Datasheet
309Kb / 12P
-15 V/12 V Quad SPST Switches
10/05-Revision 0
ADG1313YRZ-REEL7 AD-ADG1313YRZ-REEL7 Datasheet
309Kb / 12P
-15 V/12 V Quad SPST Switches
10/05-Revision 0
More results


Similar Description - ADG1313_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1334 AD-ADG1334 Datasheet
317Kb / 12P
Quad SPDT -15 V/12 V Switches
1/06-Revision 0
ADG1311 AD-ADG1311 Datasheet
309Kb / 12P
-15 V/12 V Quad SPST Switches
10/05-Revision 0
ADG1311 AD-ADG1311_15 Datasheet
279Kb / 12P
15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
15 V/12 V Quad SPST Switches
REV. A
ADG1334 AD-ADG1334_15 Datasheet
318Kb / 12P
Quad SPDT 15 V/12 V Switches
REV. 0
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1412 AD-ADG1412_15 Datasheet
295Kb / 16P
1.5 On Resistance, 15 V/12 V/5 V, CMOS, Quad SPST Switches
REV. B
logo
Vishay Siliconix
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
29-Feb-16
DG1411E VISHAY-DG1411E_V01 Datasheet
351Kb / 14P
1.5 Ω On Resistance, ± 15 V / 12 V / ± 5 V, Quad SPST Switches
11-Jun-2018
logo
Analog Devices
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com