Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-82C08RH Datasheet (PDF) - Intersil Corporation

HS-82C08RH Datasheet PDF - Intersil Corporation
Part # HS-82C08RH
Download  HS-82C08RH Download
File Size   44.32 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 8-Bit Bus Transceiver

HS-82C08RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-82C08RH Datasheet PDF - Intersil Corporation

Part # HS-82C08RH
Download  HS-82C08RH Click to download

File Size   44.32 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 8-Bit Bus Transceiver

HS-82C08RH Datasheet (HTML) - Intersil Corporation


HS-82C08RH Product details

The Intersil HS-82C08RH is a radiation-hardened octal bus transceiver with three-state outputs. It is manufactured using a self-aligned, junction isolated CMOS process and is designed for use with the HS-80C08RH radiation-hardened microprocessor. The HS-82C08RH allows asynchronous two-way communication between data buses. The direction of data flow is determined by the logic level on the transmit/receive (T/R) input. A logic high on the T/R input specifies data flow from Port A to Port B of the device. Conversely, a logic low on the T/R input specifies data flow from Port B to Port A. The Output Enable input disables both ports by placing them in the high impedance state.

Features
• Electrically Screened to SMD # 5962-95714
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Performance
    - Total Dose. . . . . . . . . . . . . . . . . . . . . 100 krad(Si) (Max)
    - Latch-Up Immune EPI-CMOS . . . . .>1 x 1012 rad(Si)/s
• Bidirectional Three-State Input/Outputs
• Low Propagation Delay Time
• Low Power Consumption
• Single Power Supply . . . . . . . . . . . . . . . . . . . . . . . . . +5V
• Electrically Equivalent to Sandia SA2997
• Military Temperature Range . . . . . . . . . . . -55°C to 125°C




Similar Part No. - HS-82C08RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C08RH INTERSIL-HS-82C08RH Datasheet
57Kb / 4P
Radiation Hardened 8-Bit Bus Transceiver
August 2000
HS-82C08RH INTERSIL-HS-82C08RH_00 Datasheet
57Kb / 4P
Radiation Hardened 8-Bit Bus Transceiver
August 2000
More results


Similar Description - HS-82C08RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS245MS INTERSIL-ACS245MS Datasheet
75Kb / 3P
Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
ACS521MS INTERSIL-ACS521MS Datasheet
104Kb / 3P
Radiation Hardened 8-Bit Magnitude Comparator
January 1996
ACTS245MS INTERSIL-ACTS245MS Datasheet
75Kb / 3P
Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
ACTS245T INTERSIL-ACTS245T Datasheet
78Kb / 3P
Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
July 1999
HCTS245MS INTERSIL-HCTS245MS Datasheet
127Kb / 10P
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
HCTS646MS INTERSIL-HCTS646MS Datasheet
147Kb / 11P
Radiation Hardened Octal Bus Transceiver/Register, Three-State
August 1995
HS-80C85RH INTERSIL-HS-80C85RH Datasheet
159Kb / 19P
Radiation Hardened 8-Bit CMOS Microprocessor
1996 02
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
Radiation Hardened 8-Bit CMOS Microprocessor
August 2000
HS-82C08RH INTERSIL-HS-82C08RH_00 Datasheet
57Kb / 4P
Radiation Hardened 8-Bit Bus Transceiver
August 2000
logo
Renesas Technology Corp
ACS245MS RENESAS-ACS245MS Datasheet
319Kb / 3P
Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com