Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-9008RH Datasheet (PDF) - Intersil Corporation

HS-9008RH Datasheet PDF - Intersil Corporation
Part # HS-9008RH
Download  HS-9008RH Download
File Size   193.72 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter

HS-9008RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-9008RH Datasheet PDF - Intersil Corporation

Part # HS-9008RH
Download  HS-9008RH Click to download

File Size   193.72 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter

HS-9008RH Datasheet (HTML) - Intersil Corporation


HS-9008RH Product details

The Intersil HS-9008RH is a CMOS 8-Bit Flash Converter designed for space applications where relatively low power, exceptional accuracy and very fast conversion speeds are a necessity.

Features
• Electrically Screened to SMD # 5962-96696
• QML Qualified per MIL-PRF-38535 Requirements
• Excellent Noise Rejection - Fully Differential Design
• Superior Linearity. . . . . . . . . . . . . . . . . . . . . . 0.5 LSB Typ
• Single Reference Supply
• Low Power . . . . . . . . . . . . . . . . . . . . . . . . . . . 330mW Typ
• Sampling Rate (50ns Conversion Time) . . . . . . . . 20MHz
• Total Dose Hardness . . . . . . . . . . . . . . . . . . . . . 300kRAD
• Available with QML Class V or Class Q Screening




Similar Part No. - HS-9008RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-9008RH INTERSIL-HS-9008RH Datasheet
179Kb / 4P
Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
March 10, 2005
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
March 10, 2005
More results


Similar Description - HS-9008RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565ARH-T INTERSIL-HS-565ARH-T Datasheet
85Kb / 6P
Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
1999 07
HS-565ARH INTERSIL-HS-565ARH Datasheet
360Kb / 10P
Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
1996 03
HS-80C85RH INTERSIL-HS-80C85RH Datasheet
159Kb / 19P
Radiation Hardened 8-Bit CMOS Microprocessor
1996 02
HS-565BRH INTERSIL-HS-565BRH Datasheet
169Kb / 7P
Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
January 2003
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
Radiation Hardened 8-Bit CMOS Microprocessor
August 2000
HS-3374RH INTERSIL-HS-3374RH_00 Datasheet
513Kb / 3P
Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
August 2000
HS-565ARH INTERSIL-HS-565ARH_00 Datasheet
127Kb / 7P
Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
November 2000
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
March 10, 2005
HS-565BRH INTERSIL-HS-565BRH_12 Datasheet
432Kb / 9P
Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
May 7, 2012
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com