Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C55 Datasheet (PDF) - Intersil Corporation

82C55 Datasheet PDF - Intersil Corporation
Part # 82C55
Download  82C55 Download
File Size   165.15 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened CMOS Programmable Peripheral Interface

82C55 Datasheet (PDF)

Go To PDF Page Download Datasheet
82C55 Datasheet PDF - Intersil Corporation

Part # 82C55
Download  82C55 Click to download

File Size   165.15 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened CMOS Programmable Peripheral Interface

82C55 Datasheet (HTML) - Intersil Corporation


82C55 Product details

The Intersil HS-82C55ARH is a high performance, radiation hardened CMOS version of the industry standard 8255A and is manufactured using a hardened field, self-aligned silicon gate CMOS process. It is a general purpose programmable I/O device which may be used with many different microprocessors.

Features
• Electrically Screened to SMD # 5962-95819
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Hardened
    - Total Dose. . . . . . . . . . . . . . . . . . . . . 100 krad(Si) (Max)
    - Transient Upset. . . . . . . . . . . . . . . . . . . . <108 rad(Si)/s
    - Latch Up Free EPI-CMOS
• Low Power Consumption
    - IDDSB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20µA
• Pin Compatible with NMOS 8255A and the Intersil 82C55A
• High Speed, No “Wait State” Operation with 5MHz HS-80C86RH
• 24 Programmable I/O Pins
• Bus-Hold Circuitry on All I/O Ports Eliminates Pull-Up Resistors
• Direct Bit Set/Reset Capability
• Enhanced Control Word Read Capability
• Hardened Field, Self-Aligned, Junction Isolated CMOS Process
• Single 5V Supply
• 2.0mA Drive Capability on All I/O Port Outputs
• Military Temperature Range . . . . . . . . . . . -55°C to 125°C




Similar Part No. - 82C55

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
82C55 OKI-82C55 Datasheet
189Kb / 26P
CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Toshiba Semiconductor
82C55 TOSHIBA-82C55 Datasheet
781Kb / 39P
CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intel Corporation
82C55 INTEL-82C55 Datasheet
325Kb / 23P
CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
82C55 INTERSIL-82C55 Datasheet
233Kb / 26P
CMOS Programmable Peripheral Interface
June 1998
logo
List of Unclassifed Man...
82C55 ETC-82C55 Datasheet
451Kb / 21P
STARLAN HUB CONTROLLER
More results


Similar Description - 82C55

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Dynex Semiconductor
MA28155 DYNEX-MA28155 Datasheet
214Kb / 20P
Radiation Hard Programmable Peripheral Interface
logo
Harris Corporation
82C55A HARRIS-82C55A Datasheet
234Kb / 26P
CMOS Programmable Peripheral Interface
logo
Intersil Corporation
MS82C55A INTERSIL-MS82C55A Datasheet
502Kb / 24P
CMOS Programmable Peripheral Interface
June 28, 2005
logo
List of Unclassifed Man...
SMC82C55AC-5 ETC1-SMC82C55AC-5 Datasheet
293Kb / 6P
CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Wing Shing Computer Com...
WS82C55A WINGS-WS82C55A Datasheet
457Kb / 25P
CMOS Programmable peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A_06 Datasheet
554Kb / 29P
CMOS Programmable Peripheral Interface
November 16, 2006
HS-82C55ARH INTERSIL-HS-82C55ARH_00 Datasheet
234Kb / 17P
Radiation Hardened CMOS Programmable Peripheral Interface
August 2000
MS82C55A INTERSIL-MS82C55A_06 Datasheet
500Kb / 26P
CMOS Programmable Peripheral Interface
June 15, 2006
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
CMOS Programmable Peripheral Interface
November 16, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com