Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP43891 Datasheet (PDF) - Intersil Corporation

HSP43891 Datasheet PDF - Intersil Corporation
Part # HSP43891
Download  HSP43891 Download
File Size   142.45 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital Filter

HSP43891 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP43891 Datasheet PDF - Intersil Corporation

Part # HSP43891
Download  HSP43891 Click to download

File Size   142.45 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital Filter

HSP43891 Datasheet (HTML) - Intersil Corporation


HSP43891 Product details

The HSP43891 is a video-speed Digital Filter (DF) designed to efficiently implement vector operations such as FIR digital filters. It is comprised of eight filter cells cascaded internally and a shift and add output stage, all in a single integrated circuit. Each filter cell contains a 9x9 two’s complement multiplier, three decimation registers and a 26-bit accumulator. The output stage contains an additional 26-bit accumulator which can add the contents of any filter cell accumulator to the output stage accumulator shifted right by 8-bits. The HSP43891 has a maximum sample rate of 30MHz. The effective multiply-accumulate (mac) rate is 240MHz.

Features
• Eight Filter Cells
• 0MHz to 30MHz Sample Rate
• 9-Bit Coefficients and Signal Data
• 26-Bit Accumulator per Stage
• Filter Lengths Over 1000 Taps
• Expandable Coefficient Size, Data Size and Filter Length
• Decimation by 2, 3 or 4

Applications
• 1-D and 2-D FIR Filters
• Radar/Sonar
• Digital Video
• Adaptive Filters
• Echo Cancellation
• Complex Multiply-Add
    - Sample Rate Converters




Similar Part No. - HSP43891

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43891/883 INTERSIL-HSP43891/883 Datasheet
153Kb / 7P
Digital Filter
May 1999
HSP43891883 INTERSIL-HSP43891883 Datasheet
153Kb / 7P
Digital Filter
May 1999
HSP43891GM-20/883 INTERSIL-HSP43891GM-20/883 Datasheet
153Kb / 7P
Digital Filter
May 1999
HSP43891GM-25/883 INTERSIL-HSP43891GM-25/883 Datasheet
153Kb / 7P
Digital Filter
May 1999
More results


Similar Description - HSP43891

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43881 INTERSIL-HSP43881 Datasheet
148Kb / 21P
Digital Filter
May 1999
HSP43481 INTERSIL-HSP43481 Datasheet
95Kb / 1P
Digital Filter
September 1997
HSP43220883 INTERSIL-HSP43220883 Datasheet
204Kb / 7P
Decimating Digital Filter
March 1999
HSP43481883 INTERSIL-HSP43481883 Datasheet
37Kb / 2P
Digital Filter
HSP43881883 INTERSIL-HSP43881883 Datasheet
158Kb / 7P
Digital Filter
May 1999
HSP43891883 INTERSIL-HSP43891883 Datasheet
153Kb / 7P
Digital Filter
May 1999
HSP43220 INTERSIL-HSP43220_04 Datasheet
800Kb / 18P
Decimating Digital Filter
July 2004
HSP43220 INTERSIL-HSP43220 Datasheet
634Kb / 21P
Decimating Digital Filter
October 10, 2008
logo
List of Unclassifed Man...
CXD2554P ETC2-CXD2554P Datasheet
52Kb / 1P
Digital Filter
logo
Renesas Technology Corp
HSP43220 RENESAS-HSP43220 Datasheet
1Mb / 21P
Decimating Digital Filter
Oct 10, 2008
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com