Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP431 Datasheet (PDF) - Intersil Corporation

SP431 Datasheet PDF - Intersil Corporation
Part # SP431
Download  SP431 Download
File Size   144.18 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Serial I/O Filter

SP431 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP431 Datasheet PDF - Intersil Corporation

Part # SP431
Download  SP431 Click to download

File Size   144.18 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Serial I/O Filter

SP431 Datasheet (HTML) - Intersil Corporation


SP431 Product details

The Serial I/O Filter is a high performance filter engine that is ideal for off loading the burden of filter processing from a DSP microprocessor. It supports a variety of multistage filter configurations based on a user programmable filter and fixed coefficient halfband filters. These configurations include a programmable FIR filter of up to 256 taps, a cascade of from one to five halfband filters, or a cascade of halfband filters followed by a programmable FIR. The half band filters each decimate by a factor of two, and the FIR filter decimates from one to eight. When all six filters are selected, a maximum decimation of 256 is provided.

Features
• 45MHz Clock Rate
• 256 Tap Programmable FIR Filter
• 24-Bit Data, 32-Bit Coefficients
• Cascade of up to 5 Half Band Filters
• Decimation from 1 to 256
• Two Pin Interface for Down Conversion by FS/4
• Multiplier for Mixing or Scaling Input with an External Source
• Serial I/O Compatible with Most DSP Microprocessors
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Low Cost FIR Filter
• Filter Co-Processor
• Digital Tuner




Similar Part No. - SP431

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP431 SIPEX-SP431 Datasheet
367Kb / 15P
High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
SYNC POWER Crop.
SP431 SYNC-POWER-SP431 Datasheet
281Kb / 12P
High Voltage Adjustable Precision Shunt Regulators
SP431A SYNC-POWER-SP431A Datasheet
281Kb / 12P
High Voltage Adjustable Precision Shunt Regulators
SP431AS23RGB SYNC-POWER-SP431AS23RGB Datasheet
388Kb / 14P
High Voltage Adjustable Precision Shunt Regulators
SP431AS89RGB SYNC-POWER-SP431AS89RGB Datasheet
388Kb / 14P
High Voltage Adjustable Precision Shunt Regulators
More results


Similar Description - SP431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6350 NJRC-NJU6350 Datasheet
87Kb / 9P
SERIAL I/O REAL TIME CLOCK
NJU6355 NJRC-NJU6355 Datasheet
62Kb / 6P
SERIAL I/O REAL TIME CLOCK
logo
Winbond
W83787IF WINBOND-W83787IF Datasheet
1Mb / 123P
WINBOND I/O WITH SERIAL-INFRARED SUPPORT
logo
New Japan Radio
NJU6356 NJRC-NJU6356 Datasheet
72Kb / 6P
SERIAL I/O REAL TIME CLOCK
logo
Intersil Corporation
HSP43124 INTERSIL-HSP43124_07 Datasheet
525Kb / 18P
Serial I/O Filter
April 18, 2007
logo
Contec Co., Ltd
COM-2DL-PCI CONTEC-COM-2DL-PCI Datasheet
70Kb / 3P
PCI ?밹ompliant I/O RS-422A/485 2ch Serial I/O board
COM-4DL-PCI CONTEC-COM-4DL-PCI Datasheet
86Kb / 3P
PCI ?밹ompliant I/O RS-422A/485 4ch Serial I/O board
CPS-COM-1PC CONTEC-CPS-COM-1PC Datasheet
514Kb / 2P
Serial I/O Module
CPS-COM-1PD CONTEC-CPS-COM-1PD Datasheet
588Kb / 2P
Serial I/O Module
logo
Renesas Technology Corp
HSP43124 RENESAS-HSP43124 Datasheet
604Kb / 18P
Serial I/O Filter
April 18, 2007
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com