Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP50216 Datasheet (PDF) - Intersil Corporation

HSP50216 Datasheet PDF - Intersil Corporation
Part # HSP50216
Download  HSP50216 Download
File Size   561.08 Kbytes
Page   53 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Four-Channel Programmable Digital DownConverter

HSP50216 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP50216 Datasheet PDF - Intersil Corporation

Part # HSP50216
Download  HSP50216 Click to download

File Size   561.08 Kbytes
Page   53 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Four-Channel Programmable Digital DownConverter

HSP50216 Datasheet (HTML) - Intersil Corporation


HSP50216 Product details

The HSP50216 Quad Programmable Digital Downconverter (QPDC) is designed for high dynamic range applications such as cellular basestations where multiple channel processing is required in a small physical space. The QPDC combines into a single package, a set of four channels which include: digital mixers, a quadrature carrier NCO, digital filters, a resampling filter, a Cartesian-to-polar coordinate converter and an AGC loop.

Features
• Up to 70MSPS Input
• Four Independently Programmable Downconverter Channels in a single package
• Four Parallel 16-Bit Inputs - Fixed or Floating Point Format
• 32-Bit Programmable Carrier NCO with >115dB SFDR
• 110dB FIR Out of Band Attenuation
• Decimation from 8 to >65536
• 24-bit Internal Data Path
• Digital AGC with up to 96dB of Gain Range
• Filter Functions
    - 1 to 5 Stage CIC Filter
    - Halfband Decimation and Interpolation FIR Filter
    - Programmable FIR Filter
    - Resampling FIR Filter
• Cascadable Filtering for Additional Bandwidth
• Four Independent Serial Outputs
• 3.3V Operation
• Pb-Free Available (RoHS Compliant)

Applications
• Narrow-Band TDMA through IS-95 CDMA Digital Software Radio and Basestation Receivers
• Wide-Band Applications: W-CDMA and UMTS Digital Software Radio and Basestation Receivers




Similar Part No. - HSP50216

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216 Datasheet
767Kb / 58P
Four-Channel Programmable Digital DownConverter
HSP50216 INTERSIL-HSP50216 Datasheet
786Kb / 58P
Four-Channel Programmable Digital Downconverter
August 17, 2007
HSP50216 INTERSIL-HSP50216 Datasheet
1Mb / 59P
Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
HSP50216KI INTERSIL-HSP50216KI Datasheet
767Kb / 58P
Four-Channel Programmable Digital DownConverter
More results


Similar Description - HSP50216

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
Four-Channel Programmable Digital DownConverter
February 2002
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
Four-Channel Programmable Digital DownConverter
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
Four-Channel Wideband Programmable DownConverter
August 2004
ISL5216 INTERSIL-ISL5216_05 Datasheet
1Mb / 65P
Four-Channel Programmable Digital DownConverter
July 8, 2005
ISL5216 INTERSIL-ISL5216_07 Datasheet
969Kb / 65P
Four-Channel Programmable Digital Downconverter
July 13, 2007
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
Four-Channel Programmable Digital Downconverter
August 17, 2007
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
1Mb / 59P
Four-Channel Programmable Digital Downconverter
October 5, 2015
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
Four-Channel Programmable Digital Downconverter
July 13, 2007
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
Four-Channel Programmable Digital Downconverter
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
Four-Channel Programmable Digital Downconverter
October 5, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com