Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS7141-1A Datasheet (PDF) - Renesas Technology Corp

PS7141-1A Datasheet PDF - Renesas Technology Corp
Part # PS7141-1A
Download  PS7141-1A Download
File Size   226.87 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-PIN DIP, 400 V BREAK DOWN VOLTAGE

PS7141-1A Datasheet (PDF)

Go To PDF Page Download Datasheet
PS7141-1A Datasheet PDF - Renesas Technology Corp

Part # PS7141-1A
Download  PS7141-1A Click to download

File Size   226.87 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-PIN DIP, 400 V BREAK DOWN VOLTAGE

PS7141-1A Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - PS7141-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7141-1A NEC-PS7141-1A Datasheet
71Kb / 12P
8-PIN DIP, 200 mA TYP. CURRENT LIMIT TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7141-1A CEL-PS7141-1A Datasheet
356Kb / 11P
6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-1A RENESAS-PS7141-1A Datasheet
233Kb / 16P
6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7141-1A-A CEL-PS7141-1A-A Datasheet
356Kb / 11P
6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-1A RENESAS-PS7141-1A_15 Datasheet
233Kb / 16P
6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
More results


Similar Description - PS7141-1A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7142-1A CEL-PS7142-1A_06 Datasheet
465Kb / 11P
6-PIN DIP 400 V BREAK DOWN VOLTAGE 1-CH OPTICAL COUPLED MOS FET
PS7142-2A CEL-PS7142-2A Datasheet
339Kb / 11P
8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-2A RENESAS-PS7141-2A Datasheet
221Kb / 15P
8-PIN DIP, 400 V BREAK DOWN VOLTAGE ORMALLY OPEN TYPE
PS7141E-1A RENESAS-PS7141E-1A Datasheet
226Kb / 16P
6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7141E-2A RENESAS-PS7141E-2A Datasheet
221Kb / 15P
8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7160-1A RENESAS-PS7160-1A_15 Datasheet
225Kb / 16P
6-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7341-1A RENESAS-PS7341-1A_15 Datasheet
225Kb / 16P
6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE
PS7360-1A RENESAS-PS7360-1A_15 Datasheet
225Kb / 16P
6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE
PS7141-1A RENESAS-PS7141-1A_15 Datasheet
233Kb / 16P
6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
PS7142-1A RENESAS-PS7142-1A Datasheet
256Kb / 16P
6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com