Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76419D Datasheet (PDF) - Intersil Corporation

76419D Datasheet PDF - Intersil Corporation
Part # 76419D
Download  76419D Download
File Size   332.4 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET

76419D Datasheet (PDF)

Go To PDF Page Download Datasheet
76419D Datasheet PDF - Intersil Corporation

Part # 76419D
Download  76419D Click to download

File Size   332.4 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET

76419D Datasheet (HTML) - Intersil Corporation


76419D Product details

Features
• Ultra Low On-Resistance
    - rDS(ON) = 0.037Ω, VGS = 10V
    - rDS(ON) = 0.043Ω, VGS = 5V
• Simulation Models
    - Temperature Compensated PSPICE® and SABER© Electrical Models
    - Spice and SABER© Thermal Impedance Models
    - www.semi.Intersil.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Switching Time vs RGS Curves




Similar Part No. - 76419D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7641 RENESAS-7641 Datasheet
1Mb / 138P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
7641 RENESAS-7641 Datasheet
3Mb / 385P
8-BIT SINGLE-CHIP MICROCOMPUTER
7641 RENESAS-7641_06 Datasheet
3Mb / 385P
8-BIT SINGLE-CHIP MICROCOMPUTER
More results


Similar Description - 76419D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76413D3 FAIRCHILD-HUF76413D3 Datasheet
205Kb / 10P
20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76419D3 FAIRCHILD-HUF76419D3 Datasheet
197Kb / 10P
20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76423D3 FAIRCHILD-HUF76423D3 Datasheet
199Kb / 10P
20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETFairchild
HUF76429D3 FAIRCHILD-HUF76429D3 Datasheet
200Kb / 10P
20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76419D3 FAIRCHILD-HUFA76419D3 Datasheet
197Kb / 10P
20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429D3 FAIRCHILD-HUFA76429D3 Datasheet
229Kb / 10P
20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76413D3 INTERSIL-HUF76413D3 Datasheet
105Kb / 9P
20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
November 1999
HUF76423D3 INTERSIL-HUF76423D3 Datasheet
127Kb / 9P
20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
October 1999
HUF76429D3 INTERSIL-HUF76429D3 Datasheet
332Kb / 9P
20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
October 1999
logo
Fairchild Semiconductor
HUF76419D3ST FAIRCHILD-HUF76419D3ST Datasheet
203Kb / 10P
20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com