Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL3244 Datasheet (PDF) - Intersil Corporation

ICL3244 Datasheet PDF - Intersil Corporation
Part # ICL3244
Download  ICL3244 Download
File Size   141.87 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown

ICL3244 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL3244 Datasheet PDF - Intersil Corporation

Part # ICL3244
Download  ICL3244 Click to download

File Size   141.87 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown

ICL3244 Datasheet (HTML) - Intersil Corporation


ICL3244 Product details

The Intersil ICL32XX devices are 3.0V to 5.5V powered RS-232 transmitters/receivers which meet ElA/TIA-232 and V.28/V.24 specifications, even at VCC = 3.0V. Targeted applications are PDAs, Palmtops, and notebook and laptop computers where the low operational, and even lower standby, power consumption is critical. Efficient on-chip charge pumps, coupled with manual and enhanced automatic powerdown functions, reduce the standby supply current to a 1µA trickle. Small footprint packaging, and the use of small, low value capacitors ensure board space savings as well. Data rates greater than 250kbps are guaranteed at worst case load conditions. This family is fully compatible with 3.3V only systems, mixed 3.3V and 5.0V systems, and 5.0V only systems.



Features

• Pb-Free Plus Anneal Available (RoHS Compliant)

• ±15kV ESD Protected (Human Body Model)

• Manual and Enhanced Automatic Powerdown Features

• Drop in Replacements for MAX3224, MAX3226, MAX3238, MAX3244

• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V

• Latch-Up Free

• RS-232 Compatible with VCC = 2.7V

• On-Chip Voltage Converters Require Only Four External 0.1µF Capacitors

• Flow-Through Pinout (ICL3238)

• Guaranteed Mouse Driveability (ICL3244)

• “Ready to Transmit” Indicator Output (ICL3224/26)

• Receiver Hysteresis For Improved Noise Immunity

• Guaranteed Minimum Data Rate . . . . . . . . . . . . . 250kbps

• Guaranteed Minimum Slew Rate . . . . . . . . . . . . . . . 6V/µs

• Wide Power Supply Range . . . . . . . Single +3V to +5.5V

• Low Supply Current in Powerdown State. . . . . . . . . . .1µA



Applications

• Any System Requiring RS-232 Communication Ports

  - Battery Powered, Hand-Held, and Portable Equipment

  - Laptop Computers, Notebooks, Palmtops

  - Modems, Printers and other Peripherals

  - Digital Cameras

  - Cellular/Mobile Phones

  - Data Cradles



 




Similar Part No. - ICL3244

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3244 INTERSIL-ICL3244 Datasheet
445Kb / 20P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
November 2002
ICL3244 INTERSIL-ICL3244 Datasheet
400Kb / 18P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
March 1, 2006
ICL3244 INTERSIL-ICL3244 Datasheet
408Kb / 18P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
March 1, 2006
ICL3244CA INTERSIL-ICL3244CA Datasheet
445Kb / 20P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
November 2002
ICL3244E INTERSIL-ICL3244E Datasheet
458Kb / 19P
15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
July 2004
More results


Similar Description - ICL3244

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
November 2002
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
-15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
June 2004
ICL3238E INTERSIL-ICL3238E Datasheet
319Kb / 14P
-15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
July 2004
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
July 2004
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
March 1, 2006
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3226CA INTERSIL-ICL3226CA Datasheet
408Kb / 18P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
March 1, 2006
ICL3224ECAZ INTERSIL-ICL3224ECAZ Datasheet
405Kb / 20P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3238E RENESAS-ICL3238E Datasheet
665Kb / 14P
짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com