Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7660S Datasheet (PDF) - Intersil Corporation

ICL7660S Datasheet PDF - Intersil Corporation
Part # ICL7660S
Download  ICL7660S Download
File Size   77.56 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Super Voltage Converter

ICL7660S Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7660S Datasheet PDF - Intersil Corporation

Part # ICL7660S
Download  ICL7660S Click to download

File Size   77.56 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Super Voltage Converter

ICL7660S Datasheet (HTML) - Intersil Corporation


ICL7660S Product details

Super Voltage Converters

The ICL7660S and ICL7660A Super Voltage Converters are monolithic CMOS voltage conversion ICs that guarantee significant performance advantages over other similar devices. They are direct replacements for the industry standard ICL7660 offering an extended operating supply voltage range up to 12V, with lower supply current. A Frequency Boost pin has been incorporated to enable the user to achieve lower output impedance despite using smaller capacitors. All improvements are highlighted in the “Electrical Specifications” section on page 3. Critical parameters are guaranteed over the entire commercial and industrial temperature ranges.

Features
• Guaranteed Lower Max Supply Current for All Temperature Ranges
• Wide Operating Voltage Range: 1.5V to 12V
• 100% Tested at 3V
• Boost Pin (Pin 1) for Higher Switching Frequency
• Guaranteed Minimum Power Efficiency of 96%
• Improved Minimum Open Circuit Voltage Conversion Efficiency of 99%
• Improved SCR Latchup Protection
• Simple Conversion of +5V Logic Supply to ±5V Supplies
• Simple Voltage Multiplication VOUT = (-)nVIN
• Easy to Use; Requires Only Two External Non-Critical Passive Components
• Improved Direct Replacement for Industry Standard ICL7660 and Other Second Source Devices
• Pb-Free Available (RoHS Compliant)

Applications
• Simple Conversion of +5V to ±5V Supplies
• Voltage Multiplication VOUT = ±nVIN
• Negative Supplies for Data Acquisition Systems and Instrumentation
• RS232 Power Supplies
• Supply Splitter, VOUT = ±VS




Similar Part No. - ICL7660S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7660S INTERSIL-ICL7660S Datasheet
370Kb / 13P
Guaranteed Lower Max Supply Current for All Temperature Ranges
January 23, 2013
logo
Renesas Technology Corp
ICL7660S RENESAS-ICL7660S Datasheet
624Kb / 13P
Super Voltage Converters
ICL7660S RENESAS-ICL7660S Datasheet
667Kb / 14P
Super Voltage Converters
Feb 10, 2020
logo
Rochester Electronics
ICL7660SCBA ROCHESTER-ICL7660SCBA Datasheet
723Kb / 1P
GUARANTEED PERFORMANCE for military temperature ranges
logo
Intersil Corporation
ICL7660SCBA INTERSIL-ICL7660SCBA Datasheet
370Kb / 13P
Guaranteed Lower Max Supply Current for All Temperature Ranges
January 23, 2013
More results


Similar Description - ICL7660S

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7660 NJRC-NJU7660 Datasheet
248Kb / 6P
VOLTAGE CONVERTER
logo
TelCom Semiconductor, I...
TC7660S TELCOM-TC7660S Datasheet
136Kb / 8P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Linear Technology
LT1026 LINER-LT1026 Datasheet
107Kb / 8P
Voltage Converter
logo
Microchip Technology
TC7660S MICROCHIP-TC7660S Datasheet
95Kb / 11P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
Linear Technology
LT1026 LINER-LT1026_03 Datasheet
153Kb / 8P
Voltage Converter
logo
Microchip Technology
TC7660SEOA713 MICROCHIP-TC7660SEOA713 Datasheet
98Kb / 11P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
01/09/01
logo
New Japan Radio
NJU7660A NJRC-NJU7660A Datasheet
136Kb / 10P
VOLTAGE CONVERTER
logo
Microchip Technology
TC7660S MICROCHIP-TC7660S_15 Datasheet
458Kb / 24P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
07/14/15
logo
Guangdong Kexin Industr...
KM7660 KEXIN-KM7660 Datasheet
306Kb / 8P
Voltage Converter
logo
Pepperl+Fuchs Inc.
FB5206B PF-FB5206B Datasheet
500Kb / 3P
Voltage Converter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com