Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7673 Datasheet (PDF) - Intersil Corporation

ICL7673 Datasheet PDF - Intersil Corporation
Part # ICL7673
Download  ICL7673 Download
File Size   144.12 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Automatic Battery Back-Up Switch

ICL7673 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7673 Datasheet PDF - Intersil Corporation

Part # ICL7673
Download  ICL7673 Click to download

File Size   144.12 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Automatic Battery Back-Up Switch

ICL7673 Datasheet (HTML) - Intersil Corporation


ICL7673 Product details

The Intersil ICL7673 is a monolithic CMOS battery backup circuit that offers unique performance advantages over conventional means of switching to a backup supply. The ICL7673 is intended as a low-cost solution for the switching of systems between two power supplies; main and battery backup. The main application is keep-alive-battery power switching for use in volatile CMOS RAM memory systems and real time clocks. In many applications this circuit will represent a low insertion voltage loss between the supplies and load. This circuit features low current consumption, wide operating voltage range, and exceptionally low leakage between inputs. Logic outputs are provided that can be used to indicate which supply is connected and can also be used to increase the power switching capability of the circuit by driving external PNP transistors.

Features
• Automatically Connects Output to the Greater of Either Input Supply Voltage
• If Main Power to External Equipment is Lost, Circuit Will Automatically Connect Battery Backup
• Reconnects Main Power When Restored
• Logic Indicator Signaling Status of Main Power
• Low Impedance Connection Switches
• Low Internal Power Consumption
• Wide Supply Range: . . . . . . . . . . . . . . . . . . . 2.5V to 15V
• Low Leakage Between Inputs
• External Transistors May Be Added if Very Large Currents Need to Be Switched
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• On Board Battery Backup for Real-Time Clocks, Timers, or Volatile RAMs
• Over/Under Voltage Detector
• Peak Voltage Detector
• Other Uses:
   - Portable Instruments, Portable Telephones, Line Operated Equipment




Similar Part No. - ICL7673

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7673 INTERSIL-ICL7673 Datasheet
216Kb / 7P
Automatic Battery Back-Up Switch
July 22, 2005
logo
Renesas Technology Corp
ICL7673 RENESAS-ICL7673 Datasheet
394Kb / 8P
Automatic Battery Back-Up Switch
logo
Intersil Corporation
ICL7673 INTERSIL-ICL7673 Datasheet
219Kb / 7P
Automatic Battery Back-Up Switch
July 22, 2005
ICL7673CBA INTERSIL-ICL7673CBA Datasheet
216Kb / 7P
Automatic Battery Back-Up Switch
July 22, 2005
ICL7673CBA INTERSIL-ICL7673CBA Datasheet
219Kb / 7P
Automatic Battery Back-Up Switch
July 22, 2005
More results


Similar Description - ICL7673

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7673 INTERSIL-ICL7673_05 Datasheet
216Kb / 7P
Automatic Battery Back-Up Switch
July 22, 2005
ICL7673CPA INTERSIL-ICL7673CPA Datasheet
219Kb / 7P
Automatic Battery Back-Up Switch
July 22, 2005
logo
TECHNOLOGY ASSISTANCE B...
TCP-BX-BBU-12-33 TAB-TCP-BX-BBU-12-33 Datasheet
73Kb / 2P
BATTERY BACK-UP POWER SUPPLIES
TCP-TC-BBU-12-50 TAB-TCP-TC-BBU-12-50 Datasheet
275Kb / 2P
BATTERY BACK-UP POWER SUPPLIES
TDRSP-1URK-BBU-12-50 TAB-TDRSP-1URK-BBU-12-50 Datasheet
462Kb / 2P
BATTERY BACK-UP POWER SUPPLY
logo
Technology Dynamics Inc...
TCP-TC-BBU-12-50 TECHNOLOGY-TCP-TC-BBU-12-50 Datasheet
275Kb / 2P
BATTERY BACK-UP POWER SUPPLIES
TCP-RK-BBU-12-34 TECHNOLOGY-TCP-RK-BBU-12-34 Datasheet
243Kb / 2P
BATTERY BACK-UP POWER SUPPLIES
TD-WM-BBU-12-33 TECHNOLOGY-TD-WM-BBU-12-33 Datasheet
254Kb / 2P
BATTERY BACK-UP POWER SUPPLIES
logo
SHANGHAI BELLING CO., L...
BL8506 BELLING-BL8506 Datasheet
619Kb / 19P
Battery Back-up Circuit
logo
Renesas Technology Corp
ICL7673 RENESAS-ICL7673 Datasheet
394Kb / 8P
Automatic Battery Back-Up Switch
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com