Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3210TB Datasheet (PDF) - NEC

UPC3210TB Datasheet PDF - NEC
Part # UPC3210TB
Download  UPC3210TB Download
File Size   87.65 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER

UPC3210TB Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC3210TB Datasheet PDF - NEC

Part # UPC3210TB
Download  UPC3210TB Click to download

File Size   87.65 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER

UPC3210TB Datasheet (HTML) - NEC


UPC3210TB Product details

DESCRIPTION
The µPC3210TB is a silicon monolithic integrated circuits designed as wideband amplifier. The µPC3210TB is suitable to systems required wideband operation from HF to L band.
This IC is manufactured using NEC’s 20 GHz fT NESAT™III silicon bipolar process. This process uses silicon nitride passivation film and gold electrodes. These materials can protect chip surface from external pollution and prevent corrosion/migration. Thus, this IC has excellent performance, uniformity and reliability.

FEATURES
• High-density surface mounting: 6-pin super minimold package
• Supply voltage : VCC = 4.5 to 5.5 V
• Wideband response : fu = 2.3 GHz TYP. @3 dB bandwidth
• Power gain : GP = 20 dB TYP. @f = 1.5 GHz
• Noise figure : NF = 3.4 dB TYP. @f = 1.5 GHz

APPLICATION
• Systems required wideband operation from HF to 2.0 GHz




Similar Part No. - UPC3210TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3211GR NEC-UPC3211GR Datasheet
137Kb / 16P
AGC AMPLIFIER FOR DIGITAL CATV RETURN PASS
UPC3211GR-E1 NEC-UPC3211GR-E1 Datasheet
137Kb / 16P
AGC AMPLIFIER FOR DIGITAL CATV RETURN PASS
UPC3215TB NEC-UPC3215TB Datasheet
68Kb / 8P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC3215TB CEL-UPC3215TB Datasheet
416Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC3215TB NEC-UPC3215TB Datasheet
100Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results


Similar Description - UPC3210TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2791TB NEC-UPC2791TB Datasheet
114Kb / 9P
5 V, SUPER MINIMOLD SILICON MMIC VHF-UHF WIDEBAND AMPLIFIER
UPC3215TB NEC-UPC3215TB Datasheet
68Kb / 8P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB Datasheet
66Kb / 9P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2711TB CEL-UPC2711TB Datasheet
334Kb / 10P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2791TB CEL-UPC2791TB Datasheet
225Kb / 4P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2745TB NEC-UPC2745TB_97 Datasheet
80Kb / 8P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2745TB CEL-UPC2745TB Datasheet
258Kb / 9P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3215TB NEC-UPC3215TB_1 Datasheet
100Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
Renesas Technology Corp
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com