Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-160 Datasheet (PDF) - Nel Frequency Controls,inc

HA-160 Datasheet PDF - Nel Frequency Controls,inc
Part # HA-160
Download  HA-160 Download
File Size   61.66 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description All units are resistance All units are resistance

HA-160 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-160 Datasheet PDF - Nel Frequency Controls,inc

Part # HA-160
Download  HA-160 Click to download

File Size   61.66 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description All units are resistance All units are resistance

HA-160 Datasheet (HTML) - Nel Frequency Controls,inc


HA-160 Product details

Description
The HA-160 Series of quartz crystal oscillators are general purpose TTL oscillators. All units are resistance welded in an all metal package, offering RFI shielding, and are designed to survive standard wave soldering operations without damage. Insulated standoffs to enhance board cleaning are standard.

Features
• Wide frequency range–0.5MHz to 85.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C for 4 minutes maximum
• Space-saving alternative to discrete component oscillators
• High shock resistance, to 3000g
• All metal, resistance weld, hermetically sealed package
• Low Jitter
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Gold plated leads - Solder dipped leads available upon request
• Low power consumption




Similar Part No. - HA-160

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HA-1600-12 LITEON-HA-1600-12 Datasheet
310Kb / 3P
Industrial Adapter 12V & 24V Series
HA-1600-24 LITEON-HA-1600-24 Datasheet
310Kb / 3P
Industrial Adapter 12V & 24V Series
More results


Similar Description - HA-160

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HA-1450 NEL-HA-1450_10 Datasheet
60Kb / 2P
All units are designed to survive wave soldering operations without damage
HS-160 NEL-HS-160_10 Datasheet
58Kb / 2P
All units are resistance welded in an all metal package, offering RFI shielding
logo
TE Connectivity Ltd
114-7010 TEC-114-7010 Datasheet
329Kb / 20P
All numerical values are in metric units
logo
Ironwood Electronics.
LS-BGA927A-05 IRONWOOD-LS-BGA927A-05 Datasheet
405Kb / 1P
Primary dimension units are millimeters
LS-BGA724A-05 IRONWOOD-LS-BGA724A-05 Datasheet
126Kb / 1P
Primary dimension units are millimeters
SF-BGA964A-B-05F IRONWOOD-SF-BGA964A-B-05F Datasheet
201Kb / 1P
Primary dimension units are millimeters
SF-BGA64L-B-32 IRONWOOD-SF-BGA64L-B-32 Datasheet
218Kb / 1P
Primary dimension units are millimeters
SF-BGA42A-B-32 IRONWOOD-SF-BGA42A-B-32 Datasheet
185Kb / 1P
Primary dimension units are millimeters
SF-BGA409A-B-05F IRONWOOD-SF-BGA409A-B-05F Datasheet
128Kb / 2P
Primary dimension units are millimeters
logo
Omron Electronics LLC
EE-SX4160-W11 OMRON-EE-SX4160-W11 Datasheet
214Kb / 2P
All units are in millimeters unless otherwise indicated.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com