Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM7232 Datasheet (PDF) - Intersil Corporation

ICM7232 Datasheet PDF - Intersil Corporation
Part # ICM7232
Download  ICM7232 Download
File Size   103.39 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Numeric/Alphanumeric Triplexed LCD Display Drivers

ICM7232 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICM7232 Datasheet PDF - Intersil Corporation

Part # ICM7232
Download  ICM7232 Click to download

File Size   103.39 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Numeric/Alphanumeric Triplexed LCD Display Drivers

ICM7232 Datasheet (HTML) - Intersil Corporation


ICM7232 Product details

Description

The ICM7231 and ICM7232 family of integrated circuits are designed to generate the voltage levels and switching wave forms required to drive triplexed liquid-crystal displays. These chips also include input buffer and digit address decoding circuitry allowing six bits of input data to be decoded into 64 independent combinations of the output segments of the selected digit.



Features

• ICM7231 Drives 8 Digits of 7 Segments with Two Independent Annunciators Per Digit Address and Data Input in Parallel Format

• ICM7232 Drives 10 Digits of 7 Segments with Two Independent Annunciators Per Digit Address and Data Input in Serial Format

• All Signals Required to Drive Rows and Columns of Triplexed LCD Display are Provided

• Display Voltage Independent of Power Supply

• On-Chip Oscillator Provides All Display Timing

• Total Power Consumption Typically 200µW, Maximum 500µW at 5V

• Low-Power Shutdown Mode Retains Data With 5µW Typical Power Consumption at 5V, 1µW at 2V

• Direct Interface to High-Speed Microprocessors



 




Similar Part No. - ICM7232

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7232 INTERSIL-ICM7232 Datasheet
317Kb / 19P
Numeric/Alphanumeric Triplexed LCD Display Drivers
August 1997
ICM7232 INTERSIL-ICM7232 Datasheet
4Mb / 122P
P-CHANNEL JFET
ICM7232AFIPL INTERSIL-ICM7232AFIPL Datasheet
4Mb / 162P
TIMERS COUNTERS AND DISPLAY DRIVERS
ICM7232BFIPL INTERSIL-ICM7232BFIPL Datasheet
317Kb / 19P
Numeric/Alphanumeric Triplexed LCD Display Drivers
August 1997
ICM7232BFIPL INTERSIL-ICM7232BFIPL Datasheet
4Mb / 162P
TIMERS COUNTERS AND DISPLAY DRIVERS
More results


Similar Description - ICM7232

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75821E SANYO-LC75821E Datasheet
143Kb / 10P
LCD Display Drivers
LC75822E SANYO-LC75822E Datasheet
128Kb / 10P
LCD Display Drivers?
logo
Maxim Integrated Produc...
MAX7231 MAXIM-MAX7231 Datasheet
625Kb / 16P
Triplexed LCD Decoder/Drivers
1995
logo
Intersil Corporation
ICM7231 INTERSIL-ICM7231_02 Datasheet
317Kb / 19P
Numeric/Alphanumeric Triplexed LCD Display Drivers
August 1997
logo
SunLED Corporation
AMR30A SUNLED-AMR30A Datasheet
209Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AMR30C SUNLED-AMR30C Datasheet
209Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUG30A SUNLED-AUG30A Datasheet
207Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUG30C SUNLED-AUG30C Datasheet
208Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUY30A SUNLED-AUY30A Datasheet
210Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
logo
BetLux Electronics
BL-D54A-21S BETLUX-BL-D54A-21S Datasheet
74Kb / 4P
LED NUMERIC DISPLAY, 2 DIGIT ALPHANUMERIC DISPLAY
REV NO: V.2
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com