Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM7249 Datasheet (PDF) - Intersil Corporation

ICM7249 Datasheet PDF - Intersil Corporation
Part # ICM7249
Download  ICM7249 Download
File Size   49.77 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 51/2 Digit LCD, Micro-Power Event/Hour Meter

ICM7249 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICM7249 Datasheet PDF - Intersil Corporation

Part # ICM7249
Download  ICM7249 Click to download

File Size   49.77 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 51/2 Digit LCD, Micro-Power Event/Hour Meter

ICM7249 Datasheet (HTML) - Intersil Corporation


ICM7249 Product details

Description
The ICM7249 Timer/Counter is intended for long-term battery-supported industrial applications. The ICM7249 typically draws 1µA during active timing or counting, due to Intersil’ special low-power design techniques. This allows more than 10 years of continuous operation without battery replacement. The chip offers four timing modes, eight counting modes and four test modes.
The ICM7249 is a 48 lead device, powered by a single DC voltage source and controlled by a 32.768kHz quartz crystal. No other external components are required. Inputs to the chip are TTL-compatible and outputs drive standard direct drive LCD segments.

Features
• Hour Meter Requires Only 4 Parts Total
• Micropower Operation: < 1µA at 2.8V (Typ)
• 10 Year Operation On One Lithium Cell. 21/2 Year Battery Life with Display Connected
• Directly Drives 51/2 Digit LCD
• 14 Programmable Modes of Operation
• Times Hrs., 0.1 Hrs., 0.01 Hrs., 0.1 Mins.
• Counts 1’s, 10’s, 100’s, 1000’s
• Dual Function Input Circuit - Selectable Debounce for Counter - High-Pass Filter for Timer
• Direct AC Line Triggering with Input Resistor
• Winking “Timer Active” Display Output
• Display Test Feature

Applications
• AC or DC Hour Meters
• AC or DC Totalizers
• Portable Battery Powered Equipment
• Long Range Service Meters




Similar Part No. - ICM7249

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7249 INTERSIL-ICM7249 Datasheet
162Kb / 9P
5 1/2 Digit LCD, Micro-Power Event/Hour Meter
August 1997
ICM7249IPM INTERSIL-ICM7249IPM Datasheet
162Kb / 9P
5 1/2 Digit LCD, Micro-Power Event/Hour Meter
August 1997
ICM7249 INTERSIL-ICM7249_01 Datasheet
162Kb / 9P
5 1/2 Digit LCD, Micro-Power Event/Hour Meter
August 1997
More results


Similar Description - ICM7249

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM-LX3 ETC1-DM-LX3 Datasheet
195Kb / 4P
Single Board Differential LCD 3쩍 Digit Digital Panel Meter
logo
Intersil Corporation
ICM7249 INTERSIL-ICM7249_01 Datasheet
162Kb / 9P
5 1/2 Digit LCD, Micro-Power Event/Hour Meter
August 1997
logo
Murata Manufacturing Co...
DM3100U1 MURATA-DM3100U1 Datasheet
289Kb / 6P
3쩍 Digit, LCD Digital Panel Meter with Descriptors
DM4101D MURATA-DM4101D Datasheet
3Mb / 9P
Micro-Bussable 4-1/2 Digit Digital Panel Meter
DM-3100X MURATA-DM-3100X Datasheet
1Mb / 6P
3-1/2 Digit Micropowered LCD Digital Panel Meter
DM-LX3 MURATA-DM-LX3 Datasheet
195Kb / 4P
Single Board Differential LCD 3쩍 Digit Digital Panel Meter
logo
National Instruments Co...
NI4050 NI-NI4050 Datasheet
110Kb / 4P
51?? Digit Multimeters
logo
Panasonic Semiconductor
LH2H-F-DHK PANASONIC-LH2H-F-DHK Datasheet
167Kb / 8P
DIN HALF SIZE HOUR METER
logo
M-System Co.,Ltd.
51U MSYSTEM-51U Datasheet
299Kb / 16P
Panel Mounted Multi Power Meter 51-UNIT
logo
NHP Electrical Engineer...
RQ72024V NHP-RQ72024V Datasheet
948Kb / 2P
HOUR RUN METER 24V AC
11 October 2022,
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com