Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IH401A Datasheet (PDF) - Intersil Corporation

IH401A Datasheet PDF - Intersil Corporation
Part # IH401A
Download  IH401A Download
File Size   40.01 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description QUAD Varafet Analog Switch

IH401A Datasheet (PDF)

Go To PDF Page Download Datasheet
IH401A Datasheet PDF - Intersil Corporation

Part # IH401A
Download  IH401A Click to download

File Size   40.01 Kbytes
Page   5 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description QUAD Varafet Analog Switch

IH401A Datasheet (HTML) - Intersil Corporation


IH401A Product details

Description
The IH401A is made up of 4 monolithically constructed combinations of varacitor type diode and a N-Channel JFET. The JFET itself is very similar to the popular 2N4391, and the driver diode is specially designed, such that its capacitance is a strong function of the voltage across it. The driver diode is electrically in series with the gate of the N-Channel FET and simulates a back-to-back diode structure. This structure is needed to prevent forward biasing the source-to-gate or drain-to-gate junctions of the JFET when used in switching applications.

Features
• rDS(ON) (Typ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35Ω
• ID(OFF) (Typ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10pA
• Switching Times (RL = 1kΩ)
    - tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25ns
    - tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75ns
• Built-In Overvoltage Protection . . . . . . . . . . . . . . ±25V
• Charge Injection Error (Typ) into 0.01µF Capacitor . . 3mV
• CISS (Typ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <1pF
• Can Be Used for Hybrid Construction




Similar Part No. - IH401A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IH4803 ETC1-IH4803 Datasheet
389Kb / 2P
DC/DC Converters
IH4803S ETC2-IH4803S Datasheet
117Kb / 1P
2 Watts IH Series
logo
XP Power Limited
IH4803S XPPOWER-IH4803S Datasheet
50Kb / 1P
DC-DC Power Supplies
IH4803S XPPOWER-IH4803S Datasheet
95Kb / 1P
Optional 3000-6000 VDC isolation
IH4803S XPPOWER-IH4803S Datasheet
95Kb / 1P
Dual Output
More results


Similar Description - IH401A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
Quad Analog Switch/Quad Multiplexer
logo
Rohm
BU4066BC ROHM-BU4066BC Datasheet
91Kb / 5P
Quad analog switch
logo
Fairchild Semiconductor
74VHC4066 FAIRCHILD-74VHC4066 Datasheet
106Kb / 9P
Quad Analog Switch
MM74HC4066 FAIRCHILD-MM74HC4066 Datasheet
122Kb / 10P
Quad Analog Switch
logo
National Semiconductor ...
MM54HC4016 NSC-MM54HC4016 Datasheet
171Kb / 8P
Quad Analog Switch
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74VHC4066 FAIRCHILD-74VHC4066_05 Datasheet
122Kb / 9P
Quad Analog Switch
MM74HC4066 FAIRCHILD-MM74HC4066_05 Datasheet
124Kb / 10P
Quad Analog Switch
logo
Rohm
BU4066BC ROHM-BU4066BC_14 Datasheet
1Mb / 20P
Quad-Analog Switch
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com