Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-A460 Datasheet (PDF) - Nel Frequency Controls,inc

HA-A460 Datasheet PDF - Nel Frequency Controls,inc
Part # HA-A460
Download  HA-A460 Download
File Size   61.79 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CMOS (LVTTL Compatible)

HA-A460 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-A460 Datasheet PDF - Nel Frequency Controls,inc

Part # HA-A460
Download  HA-A460 Click to download

File Size   61.79 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CMOS (LVTTL Compatible)

HA-A460 Datasheet (HTML) - Nel Frequency Controls,inc


HA-A460 Product details

Description

The HA-460 Series of quartz crystal oscillators are resistance welded in an all metal package, offering RFI shielding, and are designed to survive standard wave soldering operations without damage. Insulated standoffs to enhance board cleaning are standard.



Features

• Wide frequency range–0.5MHz to 30.0MHz

• User specified tolerance available

• Will withstand vapor phase temperatures of 253°C for 4 minutes maximum

• Space-saving alternative to discrete component oscillators

• High shock resistance, to 3000g

• All metal, resistance weld, hermetically sealed package

• Low Jitter

• High Q Crystal actively tuned oscillator circuit

• Low power consumption

• Power supply decoupling internal

• No internal PLL avoids cascading PLL problems

• High frequencies due to proprietary design

• Gold plated leads - Solder dipped leads available upon request

• CMOS and TTL output levels

• RoHS Compliant, Lead Free Construction (unless solder dipped leads are supplied)

• COTS/Dual use




Similar Part No. - HA-A460

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HA-A1210 NEL-HA-A1210 Datasheet
298Kb / 2P
TTL Compatible Enable/Disable
HA-A1210-FREQ NEL-HA-A1210-FREQ Datasheet
298Kb / 2P
TTL Compatible Enable/Disable
HA-A1211 NEL-HA-A1211 Datasheet
298Kb / 2P
TTL Compatible Enable/Disable
HA-A1211-FREQ NEL-HA-A1211-FREQ Datasheet
298Kb / 2P
TTL Compatible Enable/Disable
HA-A1217 NEL-HA-A1217 Datasheet
298Kb / 2P
TTL Compatible Enable/Disable
More results


Similar Description - HA-A460

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-300 AVAGO-HCPL-260L-300 Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Nel Frequency Controls,...
HS-A460 NEL-HS-A460_10 Datasheet
58Kb / 2P
CMOS (LVTTL Compatible)
logo
Micross Components
AS4SD16M16 MICROSS-AS4SD16M16 Datasheet
6Mb / 52P
LVTTL- compatible inputs and outputs
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com