Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF150 Datasheet (PDF) - Intersil Corporation

IRF150 Datasheet PDF - Intersil Corporation
Part # IRF150
Download  IRF150 Download
File Size   57.97 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 40A, 100V, 0.055 Ohm, N-Channel Power MOSFET

IRF150 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF150 Datasheet PDF - Intersil Corporation

Part # IRF150
Download  IRF150 Click to download

File Size   57.97 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 40A, 100V, 0.055 Ohm, N-Channel Power MOSFET

IRF150 Datasheet (HTML) - Intersil Corporation


IRF150 Product details

This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 40A, 100V
• rDS(ON) = 0.055Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount
      Components to PC Boards”




Similar Part No. - IRF150

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF150 SAMSUNG-IRF150 Datasheet
210Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF150 SEME-LAB-IRF150 Datasheet
22Kb / 2P
N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF150 FAIRCHILD-IRF150 Datasheet
125Kb / 4P
N-Channel Power MOSFETs, 40 A, 60 V/100 V
logo
International Rectifier
IRF150 IRF-IRF150 Datasheet
150Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.055ohm, Id= 38A)
logo
IXYS Corporation
IRF150 IXYS-IRF150 Datasheet
44Kb / 1P
HIGH VOLTAGE POWER MOSFET DIE
More results


Similar Description - IRF150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL22NF10 STMICROELECTRONICS-STL22NF10 Datasheet
324Kb / 8P
N-CHANNEL 100V - 0.055 ohm - 22A PowerFLAT™ LOW GATE CHARGE STripFET™ II MOSFET
Feb-2003
STN7NF10 STMICROELECTRONICS-STN7NF10 Datasheet
274Kb / 8P
N-CHANNEL 100V - 0.055 ohm - 5A SOT-223 LOW GATE CHARGE STripFET™ II POWER MOSFET
Dec-2002
logo
Fairchild Semiconductor
RFG40N10 FAIRCHILD-RFG40N10 Datasheet
371Kb / 6P
40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
FRK150D INTERSIL-FRK150D Datasheet
48Kb / 6P
40A, 100V, 0.055 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
RFG40N10 INTERSIL-RFG40N10 Datasheet
51Kb / 6P
40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
July 1999
logo
Solid States Devices, I...
SFF50N20M SSDI-SFF50N20M Datasheet
70Kb / 2P
50 AMPS 200 VOLTS 0.055 OHM N-Channel POWER MOSFET
logo
MagnaChip Semiconductor...
MDD1901 MGCHIP-MDD1901 Datasheet
867Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 22m(ohm)
MDD1902 MGCHIP-MDD1902 Datasheet
904Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 28m(ohm)
MDF1922 MGCHIP-MDF1922 Datasheet
935Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 8.7m(ohm)
MDU10N180 MGCHIP-MDU10N180 Datasheet
986Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 18m(ohm)
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com