Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF740 Datasheet (PDF) - Intersil Corporation

IRF740 Datasheet PDF - Intersil Corporation
Part # IRF740
Download  IRF740 Download
File Size   56.8 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10A, 400V, 0.550 Ohm, N-Channel Power MOSFET

IRF740 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF740 Datasheet PDF - Intersil Corporation

Part # IRF740
Download  IRF740 Click to download

File Size   56.8 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10A, 400V, 0.550 Ohm, N-Channel Power MOSFET

IRF740 Datasheet (HTML) - Intersil Corporation


IRF740 Product details

10A, 400V, 0.550 Ohm, N-Channel Power MOSFET

This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching converters, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. They can be operated directly from integrated circuits.
Formerly developmental type TA17424.

Features
• 10A, 400V
• rDS(ON) = 0.550Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount
      Components to PC Boards”




Similar Part No. - IRF740

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF740 STMICROELECTRONICS-IRF740 Datasheet
93Kb / 8P
N - CHANNEL 400V - 0.48 ohm - 10 A - TO-220 PowerMESH] MOSFET
Oct-1998
logo
Fairchild Semiconductor
IRF740 FAIRCHILD-IRF740 Datasheet
154Kb / 5P
N-Channel Power MOSFETs, 10A, 350V/400V
IRF740 FAIRCHILD-IRF740 Datasheet
894Kb / 10P
400V N-Channel MOSFET
logo
Vishay Siliconix
IRF740 VISHAY-IRF740 Datasheet
135Kb / 8P
Power MOSFET
16-Jun-08
logo
Suntac Electronic Corp.
IRF740 SUNTAC-IRF740 Datasheet
100Kb / 3P
POWER MOSFET
More results


Similar Description - IRF740

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFP340 INTERSIL-IRFP340 Datasheet
57Kb / 7P
11A, 400V, 0.550 Ohm, N-Channel Power MOSFET
July 1999
RF340 INTERSIL-RF340 Datasheet
55Kb / 7P
10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
March 1999
logo
Hi-Sincerity Mocroelect...
HIRF740 HSMC-HIRF740 Datasheet
50Kb / 4P
N-Channel Power MOSFET (400V, 10A)
logo
Unisonic Technologies
UF740 UTC-UF740 Datasheet
163Kb / 6P
10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
logo
Tak Cheong Electronics ...
TFF740 TAK_CHEONG-TFF740 Datasheet
281Kb / 7P
N-Channel Power MOSFET 10A, 400V, 0.55廓
TFP740 TAK_CHEONG-TFP740 Datasheet
302Kb / 7P
N-Channel Power MOSFET 10A, 400V, 0.55廓
logo
Thinki Semiconductor Co...
IRF740PBF THINKISEMI-IRF740PBF Datasheet
914Kb / 6P
10A,400V Heatsink N-Channel Type Power MOSFET
logo
First Components Intern...
IRF740 FCI-IRF740 Datasheet
444Kb / 3P
10A 400V N CHANNEL POWER MOSFET
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
10A 400V N CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
740 WXDH-740 Datasheet
1Mb / 12P
10A 400V N-channel Enhancement Mode Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com