Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX5313 Datasheet (PDF) - Renesas Technology Corp

NX5313 Datasheet PDF - Renesas Technology Corp
Part # NX5313
Download  NX5313 Download
File Size   220.25 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE

NX5313 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX5313 Datasheet PDF - Renesas Technology Corp

Part # NX5313
Download  NX5313 Click to download

File Size   220.25 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE

NX5313 Datasheet (HTML) - Renesas Technology Corp


NX5313 Product details

DESCRIPTION
The NX5313 Series is a 1 310 nm Multiple Quantum Well (MQW) structured Fabry-Perot (FP) laser diode with InGaAs monitor PIN-PD. These devices are designed for application up to 1.25 Gb/s.

FEATURES
• Optical output power Po = 13.0 mW
• Low threshold current lth = 6 mA
• Differential Efficiency ηd = 0.5 W/A
• Wide operating temperature range TC = −40 to +85°C
• InGaAs monitor PIN-PD
• CAN package φ 5.6 mm
• Focal point 6.35 mm
• LD beam angle optimized for 8 degree angled SMF

APPLICATION
• FTTH PON (B-PON, G-PON, GE-PON 10 km) system




Similar Part No. - NX5313

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5313 CEL-NX5313 Datasheet
162Kb / 4P
1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
NX5313EH CEL-NX5313EH Datasheet
162Kb / 4P
1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
NX5313EK CEL-NX5313EK Datasheet
162Kb / 4P
1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
More results


Similar Description - NX5313

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5315EH CEL-NX5315EH_06 Datasheet
283Kb / 7P
1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
NEC
NX5323EH NEC-NX5323EH Datasheet
89Kb / 7P
1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX6308GH RENESAS-NX6308GH Datasheet
221Kb / 9P
1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
NX6309GH RENESAS-NX6309GH Datasheet
221Kb / 9P
1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
logo
California Eastern Labs
NX5522 CEL-NX5522 Datasheet
185Kb / 7P
1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
NX5323EH CEL-NX5323EH Datasheet
173Kb / 7P
1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
NX5317 CEL-NX5317 Datasheet
338Kb / 9P
1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX6308GH RENESAS-NX6308GH_15 Datasheet
221Kb / 9P
1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
NX6309GH RENESAS-NX6309GH_15 Datasheet
221Kb / 9P
1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
PL10692EJ03V0DS RENESAS-PL10692EJ03V0DS Datasheet
221Kb / 9P
1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com