Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN25F10A Datasheet (PDF) - Eon Silicon Solution Inc.

EN25F10A Datasheet PDF - Eon Silicon Solution Inc.
Part # EN25F10A
Download  EN25F10A Download
File Size   1086.43 Kbytes
Page   62 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 1 Megabit Serial Flash Memory with 4Kbyte Uniform Sector

EN25F10A Datasheet (PDF)

Go To PDF Page Download Datasheet
EN25F10A Datasheet PDF - Eon Silicon Solution Inc.

Part # EN25F10A
Download  EN25F10A Click to download

File Size   1086.43 Kbytes
Page   62 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 1 Megabit Serial Flash Memory with 4Kbyte Uniform Sector

EN25F10A Datasheet (HTML) - Eon Silicon Solution Inc.


EN25F10A Product details

GENERAL DESCRIPTION

The EN25F10A is a 1 Megabit (128 K-byte) Serial Flash memory, with enhanced write protection mechanisms. The EN25F10A supports the standard Serial Peripheral Interface (SPI), and a high performance Dual/Quad output as well as Dual/Quad I/O using SPI pins: Serial Clock, Chip Select, Serial DQ0(DI), DQ1(DO), DQ2(WP#) and DQ3(HOLD#). SPI clock frequencies of up to 104MHz are supported allowing equivalent clock rates of 208MHz (104MHz x 2) for Dual Output and 416MHz (104MHz x 4) for Quad Output when using the Dual/Quad I/O Fast Read instructions. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.



FEATURES

• Single power supply operation

- Full voltage range: 2.7-3.6 volt

• Serial Interface Architecture

- SPI Compatible: Mode 0 and Mode 3

• 1 M-bit Serial Flash

- 1 M-bit/128 K-byte/512 pages

- 256 bytes per programmable page

• Standard, Dual or Quad SPI

- Standard SPI: CLK, CS#, DI, DO, WP#, HOLD#

- Dual SPI: CLK, CS#, DQ0, DQ1, WP#, HOLD#

- Quad SPI: CLK, CS#, DQ0, DQ1, DQ2, DQ3

• High performance

- 104MHz clock rate for Standard SPI

- 104MHz clock rate for two data bits

- 104MHz clock rate for four data bits

• Low power consumption

- 10mA typical active current

- 1 μA typical power down current

• Uniform Sector Architecture:

- 32 sectors of 4-Kbyte

- 4 blocks of 32-Kbyte

- 2 blocks of 64-Kbyte

- Any sector or block can be erased individually

• Software and Hardware Write Protection:

- Write Protect all or portion of memory via software

- Enable/Disable protection with WP# pin

• High performance program/erase speed

- Page program time: 0.7ms typical

- Sector erase time: 30ms typical

- 32KB Block erase time 100ms typical

- 64KB Block erase time 200ms typical

- Chip erase time: 0.4 seconds typical

• Lockable 512 byte OTP security sector

• Support Serial Flash Discoverable Parameters (SFDP) signature

• Read Unique ID Number

• Minimum 100K endurance cycle

• Package Options

- 8 pins SOP 150mil body width

- 8 pins VSOP 150mil body width

- 8 contact USON 2x3 mm

- 8 contact VDFN 5x6 mm

- All Pb-free packages are compliant RoHS, Halogen-Free and REACH.

• Industrial temperature Range




Similar Part No. - EN25F10A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25F10 EON-EN25F10 Datasheet
425Kb / 31P
1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10 EON-EN25F10 Datasheet
1Mb / 32P
1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10-100GIP EON-EN25F10-100GIP Datasheet
1Mb / 32P
1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10-100WIP EON-EN25F10-100WIP Datasheet
1Mb / 32P
1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F10-75GI EON-EN25F10-75GI Datasheet
425Kb / 31P
1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
More results


Similar Description - EN25F10A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25Q16 EON-EN25Q16 Datasheet
754Kb / 40P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q80A EON-EN25Q80A Datasheet
1Mb / 50P
8 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40 EON-EN25Q40_11 Datasheet
966Kb / 49P
4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S10 EON-EN25S10 Datasheet
534Kb / 34P
1 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16A EON-EN25QH16A Datasheet
1Mb / 66P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH32A EON-EN25QH32A Datasheet
1Mb / 63P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S10A EON-EN25S10A Datasheet
1Mb / 64P
1 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40A EON-EN25Q40A Datasheet
1Mb / 64P
4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH128A EON-EN25QH128A Datasheet
1Mb / 75P
128 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com