Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4606 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

AO4606 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # AO4606
Download  AO4606 Download
File Size   2631.69 Kbytes
Page   7 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Complementary Trench MOSFET

AO4606 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4606 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # AO4606
Download  AO4606 Click to download

File Size   2631.69 Kbytes
Page   7 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Complementary Trench MOSFET

AO4606 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


AO4606 Product details

■ Features
● N-Channel:
   VDS=30V ID=6A
   RDS(ON) < 30mΩ (VGS = 10V)
   RDS(ON) < 42mΩ (VGS = 4.5V)
● P-Channel:
   VDS=-30V ID=-6.5A
   RDS(ON) < 28mΩ (VGS =-10V)
   RDS(ON) < 44mΩ (VGS =-4.5V)




Similar Part No. - AO4606

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AO4606 AOSMD-AO4606 Datasheet
551Kb / 9P
30V Complementary MOSFET
logo
VBsemi Electronics Co.,...
AO4606 VBSEMI-AO4606 Datasheet
1Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4606 DOINGTER-AO4606 Datasheet
2Mb / 8P
P-Chanel and N-Channel MOSFET use advanced trench technology
logo
Guangdong Youtai Semico...
AO4606 UMW-AO4606 Datasheet
2Mb / 8P
30V NP-Channel Enhancement Mode MOSFET
More results


Similar Description - AO4606

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO6601 KEXIN-AO6601 Datasheet
2Mb / 7P
Complementary Trench MOSFET
AO6602 KEXIN-AO6602 Datasheet
1Mb / 7P
Complementary Trench MOSFET
AO4611 KEXIN-AO4611 Datasheet
1Mb / 7P
Complementary Trench MOSFET
AO4613 KEXIN-AO4613 Datasheet
2Mb / 7P
Complementary Trench MOSFET
AO4613-HF KEXIN-AO4613-HF Datasheet
3Mb / 7P
Complementary Trench MOSFET
AO4614A KEXIN-AO4614A Datasheet
2Mb / 7P
Complementary Trench MOSFET
AO4614B KEXIN-AO4614B Datasheet
1Mb / 7P
Complementary Trench MOSFET
AO4616-HF KEXIN-AO4616-HF Datasheet
3Mb / 7P
Complementary Trench MOSFET
AO4618 KEXIN-AO4618 Datasheet
2Mb / 7P
Complementary Trench MOSFET
SIA517DJ KEXIN-SIA517DJ Datasheet
3Mb / 10P
Complementary Trench MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com