Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6292 Datasheet (PDF) - Intersil Corporation

ISL6292 Datasheet PDF - Intersil Corporation
Part # ISL6292
Download  ISL6292 Download
File Size   647.01 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Li-ion/Li Polymer Battery Charger

ISL6292 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6292 Datasheet PDF - Intersil Corporation

Part # ISL6292
Download  ISL6292 Click to download

File Size   647.01 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Li-ion/Li Polymer Battery Charger

ISL6292 Datasheet (HTML) - Intersil Corporation


ISL6292 Product details

The ISL6292 is an integrated single-cell Li-ion or Li-polymer battery charger capable of operating with an input voltage as low as 2.4V. This charger is designed to work with various types of AC adapters or a USB port.

Features
• Complete Charger for Single-Cell Li-ion Batteries
• Very Low Thermal Dissipation
• Integrated Pass Element and Current Sensor
• No External Blocking Diode Required
• 1% Voltage Accuracy
• Programmable Current Limit up to 2A
• Programmable End-of-Charge Current
• Charge Current Thermal Foldback
• NTC Thermistor Interface for Battery Temperature Monitor
• Accepts Multiple Types of Adapters or USB BUS Power
• Guaranteed to Operate at 2.65V After Start-Up
• Ambient Temperature Range: -20°C to +70°C
• Thermally-Enhanced QFN Packages
• Handheld Devices including Medical Handhelds
• PDAs, Cell Phones and Smart Phones
• Portable Instruments, MP3 Players
• Self-Charging Battery Packs
• Stand-Alone Chargers
• USB Bus-Powered Chargers
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - ISL6292

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
553Kb / 20P
Li-ion/Li Polymer Battery Charger
November 14, 2006
ISL6292 INTERSIL-ISL6292 Datasheet
551Kb / 20P
Li-ion/Li Polymer Battery Charger
December 17, 2007
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
Li-ion/Li Polymer Battery Charger
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
302Kb / 6P
ISL6292EVAL2 Evaluation Board
July 2003
ISL6292 INTERSIL-ISL6292 Datasheet
553Kb / 20P
Li-ion/Li Polymer Battery Charger
December 17, 2007
More results


Similar Description - ISL6292

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
Li-ion/Li Polymer Battery Charger
July 22, 2005
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
Li-ion/Li Polymer Battery Charger
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
Li-ion/Li Polymer Battery Charger
ISL6292D RENESAS-ISL6292D Datasheet
695Kb / 13P
Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
Li-ion/Li Polymer Battery Charger
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
Li-ion/Li-Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
Li-ion/Li Polymer Battery Charger
Nov.3.20
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com