Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4001 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

1N4001 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 1N4001_15
Download  1N4001 Download
File Size   46.78 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1.0 A, Silicon Rectifiers

1N4001 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4001 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 1N4001_15
Download  1N4001 Click to download

File Size   46.78 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 1.0 A, Silicon Rectifiers

1N4001 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - 1N4001_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1N4001 KEXIN-1N4001_15 Datasheet
553Kb / 2P
Rectifier Diodes
logo
Compact Technology Corp...
1N4001 CTC-1N4001_15 Datasheet
65Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Diodes Incorporated
1N4001 DIODES-1N4001_15 Datasheet
55Kb / 3P
1.0A RECTIFIER
Rev erse
logo
Rugao Dachang Electroni...
1N4001 DACHANG-1N4001_15 Datasheet
117Kb / 2P
General Purpose Plastic Rectifier
logo
GOOD-ARK Electronics
1N4001 GOOD-ARK-1N4001_15 Datasheet
192Kb / 2P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
More results


Similar Description - 1N4001_15

ManufacturerPart #DatasheetDescription
logo
Bytes
1A1 BYTES-1A1 Datasheet
150Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Jinan Gude Electronic D...
1N4001 JGD-1N4001 Datasheet
161Kb / 2P
1.0 AMP . SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001 TSC-1N4001_1 Datasheet
236Kb / 2P
1.0 AMP. Silicon Rectifiers
1T1 TSC-1T1_1 Datasheet
235Kb / 2P
1.0 AMP. Silicon Rectifiers
logo
Yangzhou yangjie electr...
1N4001 YANGJIE-1N4001 Datasheet
52Kb / 2P
1.0 AMP. SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
BY133 TSC-BY133 Datasheet
82Kb / 2P
1.0 AMPS. Silicon Rectifiers
1N4001S TSC-1N4001S_10 Datasheet
519Kb / 2P
1.0 AMP. Silicon Rectifiers
logo
SeCoS Halbleitertechnol...
1N4001 SECOS-1N4001_09 Datasheet
52Kb / 2P
VOLTAGE 50 ~ 1000 V 1.0 A, Silicon Rectifiers
logo
Goodwork Semiconductor ...
1N4001S GWSEMI-1N4001S Datasheet
64Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Nanjing International G...
EM513 DGNJDZ-EM513 Datasheet
236Kb / 2P
1.0 AMP SILICON RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com