Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6556B Datasheet (PDF) - Intersil Corporation

ISL6556B Datasheet PDF - Intersil Corporation
Part # ISL6556B
Download  ISL6556B Download
File Size   692.69 Kbytes
Page   24 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application

ISL6556B Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6556B Datasheet PDF - Intersil Corporation

Part # ISL6556B
Download  ISL6556B Click to download

File Size   692.69 Kbytes
Page   24 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application

ISL6556B Datasheet (HTML) - Intersil Corporation


ISL6556B Product details

Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application

The ISL6556B controls microprocessor core voltage regulation by driving up to 4 synchronous-rectified buck channels in parallel. Multi-phase buck converter architecture uses interleaved timing to multiply channel ripple frequency and reduce input and output ripple currents.
The ISL6556B utilizes rDS(ON) current sensing in each phase for adaptive voltage positioning (droop), channel current balancing, and overcurrent protection. To ensure the accuracy of droop, a programmable internal temperature compensation function is implemented to nullify the effect of rDS(ON) temperature sensitivity.

Features
• Precision Multi-Phase Core Voltage Regulation
   - Differential Remote Voltage Sensing
   - ±0.5% System Accuracy Over Temperature and Life
   - Adjustable Reference-Voltage Offset
• Precision rDS(ON) Current Sensing
   - Integrated Programmable Temperature Compensation
   - Accurate Load-Line Programming
   - Accurate Channel-Current Balancing
   - Low-Cost, Lossless Current Sensing
• Internal Shunt Regulator for 5V or 12V Biasing
• Microprocessor Voltage Identification Input
   - Dynamic VID™ Technology
   - 6-Bit VID Input
   - 0.8375V to 1.600V in 12.5mV Steps
• Threshold Enable Function for Precision Sequencing
• Overcurrent Protection
• Overvoltage Protection
   - No Additional External Components Needed
   - OVP Pin to drive optional Crowbar Device
• 2, 3, or 4 Phase Operation up to 1.5MHz per Phase
• QFN Package Option
   - QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad
      Flat No Leads - Product Outline
   - QFN Near Chip Scale Package Footprint; Improves
      PCB Efficiency, Thinner in Profile
• Pb-free Available (RoHS Compliant)




Similar Part No. - ISL6556B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6556B RENESAS-ISL6556B Datasheet
1Mb / 24P
Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
ISL6556BCB RENESAS-ISL6556BCB Datasheet
1Mb / 24P
Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
ISL6556BCBZ RENESAS-ISL6556BCBZ Datasheet
1Mb / 24P
Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
ISL6556BCBZA RENESAS-ISL6556BCBZA Datasheet
1Mb / 24P
Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
ISL6556BCR RENESAS-ISL6556BCR Datasheet
1Mb / 24P
Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
More results


Similar Description - ISL6556B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6556A INTERSIL-ISL6556A Datasheet
702Kb / 24P
Optimized Multi-Phase PWM Controller with 6-Bit DAC for VR10.X Application
December 29, 2004
ISL6561 INTERSIL-ISL6561 Datasheet
782Kb / 26P
Multi-Phase PWM Controller with Precision Rds(on) or DCR Differential Current Sensing for VR10.X Application
May 12, 2005
ISL6565A INTERSIL-ISL6565A Datasheet
722Kb / 28P
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
September 2004
logo
Fairchild Semiconductor
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
6-Bit VID Controller 2-4 Phase VR10.X Controller
logo
Monolithic Power System...
MP2932 MPS-MP2932 Datasheet
465Kb / 23P
6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
MP2930 MPS-MP2930 Datasheet
1Mb / 24P
4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
logo
Renesas Technology Corp
ISL6565A RENESAS-ISL6565A Datasheet
1Mb / 28P
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
ISL6556A RENESAS-ISL6556A Datasheet
1Mb / 24P
Optimized Multiphase PWM Controller with 6-Bit DAC for VR10.X Application
ISL6556B RENESAS-ISL6556B Datasheet
1Mb / 24P
Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
ISL6561 RENESAS-ISL6561 Datasheet
1Mb / 27P
Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com