Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6557 Datasheet (PDF) - Intersil Corporation

ISL6557 Datasheet PDF - Intersil Corporation
Part # ISL6557
Download  ISL6557 Download
File Size   532.5 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multi-Phase PWM Controller for Core-Voltage Regulation

ISL6557 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6557 Datasheet PDF - Intersil Corporation

Part # ISL6557
Download  ISL6557 Click to download

File Size   532.5 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multi-Phase PWM Controller for Core-Voltage Regulation

ISL6557 Datasheet (HTML) - Intersil Corporation


ISL6557 Product details

Multi-Phase PWM Controller for Core-Voltage Regulation

The ISL6557 provides core-voltage regulation by driving up to four interleaved synchronous-rectified buck-converter channels in parallel. Intersil multi-phase controllers together with Intersil MOSFET drivers form the basis for the most reliable power-supply solutions available to power the latest industry-leading microprocessors. Multi-phase buckconverter architecture uses interleaved timing to multiply ripple frequency and reduce input and output ripple currents.

Features
• Multi-Phase Power Conversion
• Active Channel Current Balancing
• Precision rDS(ON) Current Sensing
    - Low Cost
    - Lossless
• Precision CORE Voltage Regulation
    - Differential Remote Voltage Sensing
    - ±0.8% System Accuracy
• Microprocessor Voltage Identification Input
    - Dynamic VID technology
    - 5-Bit VID Input
    - 1.100V to 1.850V in 25mV Steps
• Programmable Power-On Bias Level
• Programmable Droop Voltage
• Fast Transient Recovery Time
• Precision Enable Threshold
• Overcurrent Protection
• 2-, 3-, or 4-Phase Operation
• High Ripple Frequency. Channel Frequency Times Number Channels (100kHz to 6MHz)




Similar Part No. - ISL6557

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6557 RENESAS-ISL6557 Datasheet
982Kb / 17P
Multi-Phase PWM Controller for Core-Voltage Regulation
August 2003
logo
Intersil Corporation
ISL6557A INTERSIL-ISL6557A Datasheet
540Kb / 19P
Multi-Phase PWM Controller for Core-Voltage Regulation
July 2004
logo
Renesas Technology Corp
ISL6557A RENESAS-ISL6557A Datasheet
937Kb / 18P
Multiphase PWM Controller for CORE Voltage Regulation
logo
Intersil Corporation
ISL6557ACB INTERSIL-ISL6557ACB Datasheet
540Kb / 19P
Multi-Phase PWM Controller for Core-Voltage Regulation
July 2004
logo
Renesas Technology Corp
ISL6557ACB RENESAS-ISL6557ACB Datasheet
937Kb / 18P
Multiphase PWM Controller for CORE Voltage Regulation
More results


Similar Description - ISL6557

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
2000 03
ISL6557A INTERSIL-ISL6557A Datasheet
540Kb / 19P
Multi-Phase PWM Controller for Core-Voltage Regulation
July 2004
ISL6590 INTERSIL-ISL6590 Datasheet
1Mb / 24P
Digital Multi-Phase PWM Controller for Core-Voltage Regulation
April 2003
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
August 2004
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6557A RENESAS-ISL6557A Datasheet
937Kb / 18P
Multiphase PWM Controller for CORE Voltage Regulation
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
ISL6557 RENESAS-ISL6557 Datasheet
982Kb / 17P
Multi-Phase PWM Controller for Core-Voltage Regulation
August 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com