Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6559 Datasheet (PDF) - Intersil Corporation

ISL6559 Datasheet PDF - Intersil Corporation
Part # ISL6559
Download  ISL6559 Download
File Size   606.99 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multi-Phase PWM Controller

ISL6559 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6559 Datasheet PDF - Intersil Corporation

Part # ISL6559
Download  ISL6559 Click to download

File Size   606.99 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Multi-Phase PWM Controller

ISL6559 Datasheet (HTML) - Intersil Corporation


ISL6559 Product details

The ISL6559 provides core-voltage regulation by driving 2 to 4 interleaved synchronous-rectified buck-converter channels in parallel. Interleaving the channel timing results in increased ripple frequency which reduces input and output ripple currents. The reduction in ripple results in lower component cost, reduced dissipation, and a smaller implementation area.



Features

• Multi-Phase Power Conversion

   - 2, 3 or 4 Phase Operation

• Active Channel Current Balancing

• Precision rDS(ON) Current Sharing

   - Lossless

   - Low Cost

• Input Voltage: 12V or 5V Bias

• Precision CORE Voltage Regulation

   - ±1% System Accuracy Over Temperature

   - Differential Remote Output Voltage Sensing

   - Programmable Reference Offset

• Microprocessor Voltage Identification Input

   - 5-Bit VID Input

   - 0.800V to 1.550V in 25mV Steps

   - Dynamic VID Technology

• Programmable Droop Voltage

• Fast Transient Recovery Time

• Over Current Protection

• Digital Soft Start

• Threshold Sensitive Enable Input

• High Ripple Frequency (160kHz to 4MHz)

• QFN Package:

   - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Package Outline

   - Near Chip Scale Package footprint, which improves PCB efficiency and has a thinner profile

• Pb-Free Available (RoHS Compliant)



Applications

• AMD Hammer Family Processor Voltage Regulator

• Low Output Voltage, High Current DC-DC Converters

• Voltage Regulator Modules



 




Similar Part No. - ISL6559

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
Multi-Phase PWM Controller
ISL6559CB RENESAS-ISL6559CB Datasheet
1Mb / 21P
Multi-Phase PWM Controller
ISL6559CB-T RENESAS-ISL6559CB-T Datasheet
1Mb / 21P
Multi-Phase PWM Controller
ISL6559CBZ RENESAS-ISL6559CBZ Datasheet
1Mb / 21P
Multi-Phase PWM Controller
ISL6559CBZ-T RENESAS-ISL6559CBZ-T Datasheet
1Mb / 21P
Multi-Phase PWM Controller
More results


Similar Description - ISL6559

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6244 INTERSIL-ISL6244 Datasheet
845Kb / 25P
Multi-Phase PWM Controller
December 28, 2004
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
Multi-Phase PWM Controller
December 29, 2004
ISL6569A INTERSIL-ISL6569A Datasheet
514Kb / 22P
Multi-Phase PWM Controller
December 29, 2004
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
Multi-Platform Multi-Phase PWM Controller
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
Multi-Platform Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
Multi-Phase PWM Controller
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
Multi-Phase PWM Controller
ISL6569A RENESAS-ISL6569A Datasheet
1Mb / 22P
Multi-Phase PWM Controller
logo
Intersil Corporation
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
Precision Multi-Phase Buck PWM Controller
December 2, 2005
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com