Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6844 Datasheet (PDF) - Intersil Corporation

ISL6844 Datasheet PDF - Intersil Corporation
Part # ISL6844
Download  ISL6844 Download
File Size   264.6 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Improved Industry Standard Single Ended Current Mode PWM Controller

ISL6844 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6844 Datasheet PDF - Intersil Corporation

Part # ISL6844
Download  ISL6844 Click to download

File Size   264.6 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Improved Industry Standard Single Ended Current Mode PWM Controller

ISL6844 Datasheet (HTML) - Intersil Corporation


ISL6844 Product details

The ISL6840, ISL6841, ISL6842, ISL6843, ISL6844, ISL6845 family of adjustable frequency, low power, pulse width modulating (PWM) current mode controllers is designed for a wide range of power conversion applications including boost, flyback, and isolated output configurations. Peak current mode control effectively handles power transients and provides inherent overcurrent protection. This advanced BiCMOS design is pin compatible with the industry standard 384x family of controllers and offers significantly improved performance. Features include low operating current, 60μA start-up current, adjustable operating frequency to 2MHz, and high peak current drive capability with 20ns rise and fall times.

Features
• 1A MOSFET gate driver
• 60μA startup current, 100μA maximum
• 25ns propagation delay current sense to output
• Fast transient response with peak current mode control
• Adjustable switching frequency to 2MHz
• 20ns rise and fall times with 1nF output load
• Trimmed timing capacitor discharge current for accurate deadtime/maximum duty cycle control
• High bandwidth error amplifier
• Tight tolerance voltage reference over line, load, and temperature
• Tight tolerance current limit threshold
• Pb-free plus anneal available (RoHS Compliant)

Applications
• Telecom and Datacom Power
• Wireless Base Station Power
• File Server Power
• Industrial Power Systems
• PC Power Supplies
• Isolated Buck and Flyback Regulators
• Boost Regulators

Package 8 LD SOIC
Package MSOP




Similar Part No. - ISL6844

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6844 INTERSIL-ISL6844 Datasheet
278Kb / 12P
Improved Industry Standard Single-Ended Current Mode PWM Controller
April 16, 2007
ISL6844 INTERSIL-ISL6844 Datasheet
287Kb / 12P
Improved Industry Standard Single-Ended Current Mode PWM Controller
August 7, 2008
ISL6844 INTERSIL-ISL6844 Datasheet
531Kb / 10P
ISL6844 Reference Design: ISL6844EVAL3Z
ISL6844 INTERSIL-ISL6844 Datasheet
391Kb / 13P
Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
ISL6844 INTERSIL-ISL6844 Datasheet
391Kb / 13P
Improved Industry Standard Single-Ended
February 23, 2012
More results


Similar Description - ISL6844

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
Improved Industry Standard Single-Ended Current Mode PWM Controller
April 16, 2007
ISL6840 INTERSIL-ISL6840 Datasheet
287Kb / 12P
Improved Industry Standard Single-Ended Current Mode PWM Controller
August 7, 2008
ISL78215 INTERSIL-ISL78215 Datasheet
231Kb / 11P
Improved Industry Standard Single-Ended Current Mode PWM Controller
August 16, 2010
ISL6843IUZ-T INTERSIL-ISL6843IUZ-T Datasheet
391Kb / 13P
Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
ISL6840IUZ-T INTERSIL-ISL6840IUZ-T Datasheet
391Kb / 13P
Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
ISL6843CBZ-T INTERSIL-ISL6843CBZ-T Datasheet
391Kb / 13P
Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
ISL6843IBZ-T INTERSIL-ISL6843IBZ-T Datasheet
391Kb / 13P
Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
ISL6840IRZ-T INTERSIL-ISL6840IRZ-T Datasheet
372Kb / 14P
Improved Industry Standard Single-Ended Current Mode PWM Controller
September 29, 2015
logo
Renesas Technology Corp
ISL6840 RENESAS-ISL6840 Datasheet
683Kb / 14P
Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL78215 RENESAS-ISL78215 Datasheet
578Kb / 11P
Improved Industry Standard Single-Ended Current Mode PWM Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com