Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL84516 Datasheet (PDF) - Intersil Corporation

ISL84516 Datasheet PDF - Intersil Corporation
Part # ISL84516
Download  ISL84516 Download
File Size   239.9 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low-Voltage, Dual Supply, SPST, Analog Switches

ISL84516 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL84516 Datasheet PDF - Intersil Corporation

Part # ISL84516
Download  ISL84516 Click to download

File Size   239.9 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low-Voltage, Dual Supply, SPST, Analog Switches

ISL84516 Datasheet (HTML) - Intersil Corporation


ISL84516 Product details

The Intersil ISL84516 and ISL84517 devices are precision, analog switches designed to operate from ±1.5V to ±6V supplies. Targeted applications include battery powered equipment that benefit from the devices’ low power consumption (350mW), low leakage currents, and fast switching speeds. Additionally, excellent RON flatness maintains signal fidelity over the whole input range, while micro packaging alleviates board space limitations.

Features
• Drop-in Replacements for MAX4516 and MAX4517 at VS = ±5V
• Available in SOT-23 Packaging
• Dual Supply Operation . . . . . . . . . . . . . . . . . . . ±1.5V to ±6V
• ON Resistance (RON Max). . . . . . . . . . . . . . . . . . . . . 20Ω
• RON Flatness . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3Ω
• Charge Injection . . . . . . . . . . . . . . . . . . . . . . . . . 20pC (Max)
• Low Leakage Current (Max at 85°C) . 20nA (Off Leakage) . . . . . . . . . . . . . . . 40nA (On Leakage)
• Fast Switching Action
    - tON (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100ns
    - tOFF (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75ns
• Minimum 2000V ESD Protection per Method 3015.7
• CMOS Logic Compatible
• Pb-Free Available (RoHS Compliant)

Applications
• Battery Powered, Handheld, and Portable Equipment
• Communications Systems
    - Radios
    - Telecom Infrustructure
• Medical Equipment
    - Ultrasound, MRI, CAT/PET SCAN
    - Electrocardiograph, Blood Analyzer
• Test Equipment
    - Logic and Spectrum Analyzers
    - Portable Meters, DVM, DMM
• Audio and Video Switching
• General Purpose Circuits
    - Low Voltage DACs and ADCs
    - Sample and Hold Circuits
    - Digital Filters
    - Operational Amplifier Gain Switching Networks
    - High Frequency Analog Switching
    - High Speed Multiplexing
    - Integrator Reset Circuits




Similar Part No. - ISL84516

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
256Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
May 19, 2005
ISL84516 INTERSIL-ISL84516 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84516IH-T INTERSIL-ISL84516IH-T Datasheet
256Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
May 19, 2005
logo
Renesas Technology Corp
ISL84516IH-T RENESAS-ISL84516IH-T Datasheet
561Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
More results


Similar Description - ISL84516

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323 Datasheet
540Kb / 10P
Low-Voltage, Single Supply, Dual SPST Analog Switches
January 2002
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
April 2003
logo
Maxim Integrated Produc...
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
May 19, 2005
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
Low-Voltage, Single Supply, Dual SPST Analog Switches
October 18, 2007
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com