Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JANSR2N7294 Datasheet (PDF) - Intersil Corporation

JANSR2N7294 Datasheet PDF - Intersil Corporation
Part # JANSR2N7294
Download  JANSR2N7294 Download
File Size   48.68 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 23A, 200V, 0.115 Ohm, Rad Hard, N-Channel Power MOSFET

JANSR2N7294 Datasheet (PDF)

Go To PDF Page Download Datasheet
JANSR2N7294 Datasheet PDF - Intersil Corporation

Part # JANSR2N7294
Download  JANSR2N7294 Click to download

File Size   48.68 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 23A, 200V, 0.115 Ohm, Rad Hard, N-Channel Power MOSFET

JANSR2N7294 Datasheet (HTML) - Intersil Corporation


JANSR2N7294 Product details

Description
The Intersil Corporation has designed a series of SECOND GENERATION hardened power MOSFETs of both N-Channel and P-Channel enhancement types with ratings from 100V to 500V, 1A to 60A, and on resistance as low as 25mΩ. Total dose hardness is offered at 100K RAD (Si) and 1000K RAD (Si) with neutron hardness ranging from 1E13 for 500V product to 1E14 for 100V product. Dose rate hardness (GAMMA DOT) exists for rates to 1E9 without current limiting and 2E12 with current limiting.

Features
• 23A, 200V, rDS(ON) = 0.115Ω
• Total Dose
    - Meets Pre-RAD Specifications to 100K RAD (Si)
• Dose Rate
    - Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
    - Typically Survives 2E12 if Current Limited to IDM
• Photo Current
    - 12nA Per-RAD(Si)/s Typically
• Neutron
    - Maintain Pre-RAD Specifications for 1E13 Neutrons/cm2
    - Usable to 1E14 Neutrons/cm2




Similar Part No. - JANSR2N7294

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
JANSR2N7292 INTERSIL-JANSR2N7292 Datasheet
38Kb / 7P
25A, 100V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
More results


Similar Description - JANSR2N7294

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRE264D INTERSIL-FRE264D Datasheet
48Kb / 6P
23A, 250V, 0.130 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRF250D INTERSIL-FRF250D Datasheet
49Kb / 6P
23A, 200V, 0.115 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRF9150D INTERSIL-FRF9150D Datasheet
49Kb / 6P
23A, -100V, 0.140 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK260D INTERSIL-FRK260D Datasheet
47Kb / 6P
46A, 200V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM140D INTERSIL-FRM140D Datasheet
47Kb / 6P
23A, 100V, 0.130 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
JANSR2N7275 INTERSIL-JANSR2N7275 Datasheet
39Kb / 7P
5A, 200V, 0.500 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
JANSR2N7396 INTERSIL-JANSR2N7396 Datasheet
44Kb / 8P
5A, 200V, 0.460 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
JANSR2N7400 INTERSIL-JANSR2N7400 Datasheet
43Kb / 8P
8A, 200V, 0.440 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
JANSR2N7404 INTERSIL-JANSR2N7404 Datasheet
45Kb / 8P
15A, -200V, 0.290 Ohm, Rad Hard, P-Channel Power MOSFET
June 1998
JANSR2N7406 INTERSIL-JANSR2N7406 Datasheet
44Kb / 8P
24A, 200V, 0.110 Ohm, Rad Hard, N-Channel Power MOSFET
June 1998
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com