Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR301G Datasheet (PDF) - Yea Shin Technology Co., Ltd

FR301G Datasheet PDF - Yea Shin Technology Co., Ltd
Part # FR301G
Download  FR301G Download
File Size   56.41 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description FAST SWITCHI NG GLASS PASSIVATION RECTIFIER

FR301G Datasheet (PDF)

Go To PDF Page Download Datasheet
FR301G Datasheet PDF - Yea Shin Technology Co., Ltd

Part # FR301G
Download  FR301G Click to download

File Size   56.41 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description FAST SWITCHI NG GLASS PASSIVATION RECTIFIER

FR301G Datasheet (HTML) - Yea Shin Technology Co., Ltd


FR301G Product details

FAST SWITCHI NG GLASS PASSIVATION RECTIFIER
VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes

FEATURES
• High surge current capability
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V -O u tilizing
   Flame Retardant Epoxy Molding Compound
• Void- free Plastic in DO-201AD pa ckage
• 3 ampere operation a t TA=55°C with no thermal runaway
• Exceeds environmental standards of MIL-S-19 500/228
• Fast sw itching for high efficiency
• High temperature soldering : 260 °C /10 seconds at terminals
• Pb free product a t available : 99% Sn abov e meet RoHS environment substance directive request.




Similar Part No. - FR301G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR301G RECTRON-FR301G Datasheet
238Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes)
logo
Jinan Gude Electronic D...
FR301G JGD-FR301G Datasheet
145Kb / 2P
3.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Bytes
FR301G BYTES-FR301G Datasheet
153Kb / 2P
3.0AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Dc Components
FR301G DCCOM-FR301G Datasheet
440Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results


Similar Description - FR301G

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
FR151G YEASHIN-FR151G Datasheet
74Kb / 2P
FAST SWITCHING GLASS PASSIVATION RECTIFIER
FR201 YEASHIN-FR201 Datasheet
74Kb / 2P
FAST SWITCHI NG PLASTIC RECTIFI ER
logo
GETAI ELECTRONICS DEVIC...
HVG3A300 GETEDZ-HVG3A300_17 Datasheet
548Kb / 2P
Glass passivation Ultra Fast Recovery Rectifier Assembly
HVG6A150 GETEDZ-HVG6A150 Datasheet
544Kb / 2P
Glass passivation Ultra Fast Recovery Rectifier Assembly
HVG6A300 GETEDZ-HVG6A300_17 Datasheet
547Kb / 2P
Glass passivation Ultra Fast Recovery Rectifier Assembly
HVG10A060 GETEDZ-HVG10A060 Datasheet
543Kb / 2P
Glass passivation Ultra Fast Recovery Rectifier Assembly
HVR5510F08 GETEDZ-HVR5510F08 Datasheet
522Kb / 2P
Glass passivation Ultra Fast Recovery Rectifier Assembly
HVR5510F10 GETEDZ-HVR5510F10 Datasheet
522Kb / 2P
Glass passivation Ultra Fast Recovery Rectifier Assembly
HVR5510F12 GETEDZ-HVR5510F12 Datasheet
522Kb / 2P
Glass passivation Ultra Fast Recovery Rectifier Assembly
HVR5510U08 GETEDZ-HVR5510U08_17 Datasheet
523Kb / 2P
Glass passivation Ultra Fast Recovery Rectifier Assembly
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com