Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1K49154 Datasheet (PDF) - Intersil Corporation

RF1K49154 Datasheet PDF - Intersil Corporation
Part # RF1K49154
Download  RF1K49154 Download
File Size   421.89 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFET??Power MOSFET

RF1K49154 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF1K49154 Datasheet PDF - Intersil Corporation

Part # RF1K49154
Download  RF1K49154 Click to download

File Size   421.89 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFET??Power MOSFET

RF1K49154 Datasheet (HTML) - Intersil Corporation


RF1K49154 Product details

This Dual N-Channel power MOSFET is manufactured using the latest manufacturing process technology. This process, which uses feature sizes approaching those of LSI integrated circuits, gives optimum utilization of silicon, resulting in outstanding performance. It is designed for use in applications such as switching regulators, switching converters, motor drivers, relay drivers, and low voltage bus switches. These devices can be operated directly from integrated circuits.

Features
• 2A, 60V
• rDS(ON) = 0.130Ω
• Temperature Compensating PSPICE® Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RF1K49154

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1K49154 FAIRCHILD-RF1K49154 Datasheet
288Kb / 8P
2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFET??Power MOSFET
More results


Similar Description - RF1K49154

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1K49090 FAIRCHILD-RF1K49090 Datasheet
252Kb / 8P
3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
RF1K49092 FAIRCHILD-RF1K49092 Datasheet
459Kb / 14P
3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
RF1K49154 FAIRCHILD-RF1K49154 Datasheet
288Kb / 8P
2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49086 INTERSIL-RF1K49086 Datasheet
143Kb / 7P
3.5A, 30V, 0.06 Ohm, Dual N-Channel LittleFET??Power MOSFET
August 1999
RF1K49088 INTERSIL-RF1K49088 Datasheet
173Kb / 7P
3.5A, 30V, 0.06 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
August 1999
RF1K49092 INTERSIL-RF1K49092 Datasheet
248Kb / 13P
3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
August 1999
RF1K49093 INTERSIL-RF1K49093 Datasheet
133Kb / 7P
2.5A, 12V, 0.130 Ohm, Logic Level, Dual P-Channel LittleFET??Power MOSFET
August 1999
RF1K49221 INTERSIL-RF1K49221 Datasheet
109Kb / 8P
2.5A, 60V, 0.130 Ohm, ESD Rated, Dual N-Channel LittleFET??Power MOSFET
August 1999
RFL2N06L INTERSIL-RFL2N06L Datasheet
306Kb / 5P
2A, 60V, 0.950 Ohm, Logic Level, N-Channel Power MOSFET
October 1999
RFW2N06RLE INTERSIL-RFW2N06RLE Datasheet
41Kb / 5P
2A, 60V, 0.160 Ohm, Logic Level, N-Channel Power MOSFET
July 1999
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com