Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1K49156 Datasheet (PDF) - Intersil Corporation

RF1K49156 Datasheet PDF - Intersil Corporation
Part # RF1K49156
Download  RF1K49156 Download
File Size   142.86 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6.3A, 30V, 0.030 Ohm, Logic Level, Single N-Channel LittleFET Power MOSFET

RF1K49156 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF1K49156 Datasheet PDF - Intersil Corporation

Part # RF1K49156
Download  RF1K49156 Click to download

File Size   142.86 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6.3A, 30V, 0.030 Ohm, Logic Level, Single N-Channel LittleFET Power MOSFET

RF1K49156 Datasheet (HTML) - Intersil Corporation


RF1K49156 Product details

This Single N-Channel power MOSFET is manufactured using an advanced MegaFET process. This process, which uses feature sizes approaching those of LSI integrated circuits, gives optimum utilization of silicon, resulting in outstanding performance. It was designed for use in applications such as switching regulators, switching converters, motor drivers, relay drivers, and low voltage bus switches. This product achieves full rated conduction at a gate bias in the 3V - 5V range, thereby facilitating true on-off power control directly from logic level (5V) integrated circuits.

Features
• 6.3A, 30V
• rDS(ON) = 0.030Ω
• Temperature Compensating PSPICE® Model
• On-Resistance vs Gate Drive Voltage Curves
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RF1K49156

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RF1K49156 FAIRCHILD-RF1K49156 Datasheet
221Kb / 8P
6.3A, 30V, 0.030 Ohm, Logic Level, Single N-Channel LittleFET Power MOSFET
More results


Similar Description - RF1K49156

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76113SK8 FAIRCHILD-HUF76113SK8 Datasheet
326Kb / 12P
6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
RF1K49090 FAIRCHILD-RF1K49090 Datasheet
252Kb / 8P
3.5A, 12V, 0.050 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
RF1K49156 FAIRCHILD-RF1K49156 Datasheet
221Kb / 8P
6.3A, 30V, 0.030 Ohm, Logic Level, Single N-Channel LittleFET Power MOSFET
RF1K49157 FAIRCHILD-RF1K49157 Datasheet
208Kb / 7P
6.3A, 30V, Avalanche Rated, Single N-Channel LittleFET??Enhancement Mode Power MOSFET
RF1K49211 FAIRCHILD-RF1K49211 Datasheet
262Kb / 8P
7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFET??Power MOSFET
logo
Intersil Corporation
HP4410DY INTERSIL-HP4410DY Datasheet
82Kb / 5P
10A, 30V, 0.0135 Ohm, Single N-Channel, Logic Level Power MOSFET
1999 08
HUF76113SK8 INTERSIL-HUF76113SK8 Datasheet
384Kb / 11P
6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
October 1999
RF1K49088 INTERSIL-RF1K49088 Datasheet
173Kb / 7P
3.5A, 30V, 0.06 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
August 1999
RF1K49157 INTERSIL-RF1K49157 Datasheet
149Kb / 8P
6.3A, 30V, 0.030 Ohm, Single N-Channel LittleFET??Power MOSFET
August 1999
RF1K49211 INTERSIL-RF1K49211 Datasheet
133Kb / 7P
7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFET??Power MOSFET
August 1999
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com