Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFP50N06 Datasheet (PDF) - Intersil Corporation

RFP50N06 Datasheet PDF - Intersil Corporation
Part # RFP50N06
Download  RFP50N06 Download
File Size   74.26 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs

RFP50N06 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP50N06 Datasheet PDF - Intersil Corporation

Part # RFP50N06
Download  RFP50N06 Click to download

File Size   74.26 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs

RFP50N06 Datasheet (HTML) - Intersil Corporation


RFP50N06 Product details

These N-Channel power MOSFETs are manufactured using the MegaFET process. This process, which uses feature sizes approaching those of LSI integrated circuits gives optimum utilization of silicon, resulting in outstanding performance. They were designed for use in applications such as switching regulators, switching converters, motor drivers, and relay drivers. These transistors can be operated directly from integrated circuits.
Formerly developmental type TA49018.

Features
• 50A, 60V
• rDS(ON) = 0.022Ω
• Temperature Compensating PSPICE® Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• 175°C Operating Temperature




Similar Part No. - RFP50N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP50N06 FAIRCHILD-RFP50N06 Datasheet
375Kb / 8P
50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
logo
Thinki Semiconductor Co...
RFP50N06 THINKISEMI-RFP50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
logo
Intersil Corporation
RFP50N06LE INTERSIL-RFP50N06LE Datasheet
412Kb / 8P
50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
October 1999
logo
VBsemi Electronics Co.,...
RFP50N06LE VBSEMI-RFP50N06LE Datasheet
979Kb / 7P
N-Channel 60-V (D-S) MOSFET
More results


Similar Description - RFP50N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG50N05L FAIRCHILD-RFG50N05L Datasheet
376Kb / 6P
50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
RFG50N06 FAIRCHILD-RFG50N06 Datasheet
375Kb / 8P
50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N05 INTERSIL-RFG50N05 Datasheet
47Kb / 6P
50A, 50V, 0.022 Ohm, N-Channel Power MOSFETs
July 1999
RFG50N05L INTERSIL-RFG50N05L Datasheet
51Kb / 6P
50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
July 1999
RFG50N06LE INTERSIL-RFG50N06LE Datasheet
412Kb / 8P
50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
October 1999
logo
Austin Semiconductor
RFP50N05L AUSTIN-RFP50N05L_04 Datasheet
157Kb / 6P
50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Thinki Semiconductor Co...
FTK50N06P THINKISEMI-FTK50N06P Datasheet
1Mb / 7P
50A,60V Heatsink Planar N-Channel Power MOSFETs
WG50N06 THINKISEMI-WG50N06 Datasheet
1Mb / 7P
50A,60V Heatsink Planar N-Channel Power MOSFETs
WGP50N06 THINKISEMI-WGP50N06 Datasheet
1Mb / 7P
50A,60V Heatsink Planar N-Channel Power MOSFETs
WVM50N06 THINKISEMI-WVM50N06 Datasheet
1Mb / 7P
50A,60V Heatsink Planar N-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com